Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3554EPD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3554EPD
Description  Micropower USB Power Manager with Li-Ion Charger and Two Step-Down Regulators
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3554EPD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3554EPD Datasheet HTML 8Page - Linear Technology LTC3554EPD Datasheet HTML 9Page - Linear Technology LTC3554EPD Datasheet HTML 10Page - Linear Technology LTC3554EPD Datasheet HTML 11Page - Linear Technology LTC3554EPD Datasheet HTML 12Page - Linear Technology LTC3554EPD Datasheet HTML 13Page - Linear Technology LTC3554EPD Datasheet HTML 14Page - Linear Technology LTC3554EPD Datasheet HTML 15Page - Linear Technology LTC3554EPD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC3554
12
3554f
PIN FUNCTIONS
LTC3554 will partition the available power between the
external load on VOUT and the internal battery charger.
Priority is given to the external load and any extra power
is used to charge the battery. An ideal diode from BAT to
VOUT ensures that VOUT is powered even if the load exceeds
the allotted input current from VBUS or if the VBUS power
source is removed. VOUT should be bypassed with a low
impedance multilayer ceramic capacitor.
SUSP (Pin 19): Suspend Mode Logic Input. If this pin
is driven high the input current limit path is disabled.
In this state the circuit draws negligible power from the
VBUS pin. Any load at the VOUT pin is provided by the
battery through the internal ideal diode. When this input
is grounded, the input current limit will be set to desired
value as determined by the state of the HPWR pin. This
pin has a conditional internal pull-down resistor when
power is applied to the VBUS pin.
VBUS (Pin 20): USB Input Voltage. VBUS will usually be
connected to the USB port of a computer or a DC output
wall adapter. VBUS should be bypassed with a low imped-
ance multilayer ceramic capacitor.
Exposed Pad (Pin 21): Ground. The exposed package pad
is ground and must be soldered to the PC board for proper
functionality and for maximum heat transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com