Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1919 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC1919
Description  3V to 8V Hot Swap Power Manager
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC1919 Datasheet(HTML) 1 Page - Texas Instruments

  UCC1919 Datasheet HTML 1Page - Texas Instruments UCC1919 Datasheet HTML 2Page - Texas Instruments UCC1919 Datasheet HTML 3Page - Texas Instruments UCC1919 Datasheet HTML 4Page - Texas Instruments UCC1919 Datasheet HTML 5Page - Texas Instruments UCC1919 Datasheet HTML 6Page - Texas Instruments UCC1919 Datasheet HTML 7Page - Texas Instruments UCC1919 Datasheet HTML 8Page - Texas Instruments UCC1919 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UCC1919
UCC2919
UCC3919
07/99
FEATURES
• Precision Fault Threshold
• Charge Pump for Low RDSON High Side
Drive
• Differential Sense Inputs
• Programmable Average Power Limiting
• Programmable Linear Current Control
• Programmable Fault Time
• Fault Output Indicator
• Manual and Automatic Reset Modes
• Shutdown Control w/Programmable
Softstart
• Undervoltage Lockout
• Electronic Circuit Breaker Function
3V to 8V Hot Swap Power Manager
10
7
5
6
11
8
9
2
1
12
14
4
GND
CHARGE
PUMP
DRIVER
UVLO
VDD
+
–
UVLO
+
–
+
–
200mV
LINEAR
CURRENT
AMPLIFIER
OVERLOAD
COMPARATOR
S
R
Q
Q
RESET
DOMINANT
SET
DOMINANT
+
–
+
–
1.5V
0.5V
1.2
µA
+
1.5v
13
VDD
36
µA
50mV
VDD
CSP
CSN
IMAX
IBIAS
PL
CT
FLT
GATE
CAP
LR
SD
UVBIAS
VDD
1X
OVERCURRENT
COMPARATOR
UVBIAS
S
R
Q
Q
S
R
Q
Q
FLT
SD
FLT
SD
1X
BLOCK DIAGRAM
UDG-98123
DESCRIPTION
The UCC3919 family of Hot Swap Power Managers provide complete
power management, hot swap, and fault handling capability. The
UCC3919 features a duty ratio current limiting technique, which pro-
vides peak load capability while limiting the average power dissipa-
tion of the external pass transistor during fault conditions. The
UCC3919 has two reset modes, selected with the TTL/CMOS com-
patible L/R pin. In one mode, when a fault occurs the IC repeatedly
tries to reset itself at a user defined rate, with user defined maximum
output current and pass transistor power dissipation. In the other
mode the output latches off and stays off until either the L/R pin is re-
set or the shutdown pin is toggled. The on board charge pump circuit
provides the necessary gate voltage for an external N-channel power
FET.
Note: Pins shown for 14-pin package.
application
INFO
available


Similar Part No. - UCC1919

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
More results

Similar Description - UCC1919

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1914 TI-UC1914 Datasheet
652Kb / 14P
5V to 35V Hot Swap Power Manager
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
Negative Voltage Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
Positive Floating Hot Swap Power Manager
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
Programmable Hot Swap Power Manager
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
logo
Linear Technology
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
??8V Hot Swap Controllers
logo
Texas Instruments
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
PROGRAMMABLE HOT SWAP POWER MANAGER
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
??V to ??5V Hot Swap Power Manager
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
Positive Floating Hot-Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com