Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAR1000 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # STAR1000
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000 Datasheet(HTML) 5 Page - Cypress Semiconductor

  STAR1000 Datasheet HTML 1Page - Cypress Semiconductor STAR1000 Datasheet HTML 2Page - Cypress Semiconductor STAR1000 Datasheet HTML 3Page - Cypress Semiconductor STAR1000 Datasheet HTML 4Page - Cypress Semiconductor STAR1000 Datasheet HTML 5Page - Cypress Semiconductor STAR1000 Datasheet HTML 6Page - Cypress Semiconductor STAR1000 Datasheet HTML 7Page - Cypress Semiconductor STAR1000 Datasheet HTML 8Page - Cypress Semiconductor STAR1000 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 5 of 21
Absolute Maximum Ratings
Table 3. Absolute Maximum Ratings STAR1000
Characteristics
Limits
Units
Remarks
Min
Max
Any supply voltage
-0.5
+7
V
R
Voltage on any input terminal
-0.5
Vdd + 0.5
V
Operating temperature
0
+60
°C
Temperature range confirmed by
evaluation testing.
Storage temperature
-10
+60
°C
Not longer than 1 hour. Temperature range
confirmed by evaluation testing.
Sensor soldering temperature
NA
125
°C
Hand soldering only. The sensor’s
temperature may not rise above this limit.
Please read the Soldering and Handling
Conditions on page 18 for more
information.
Table 4. Absolute Maximum Ratings STAR1000BK7 and STAR1000SP
Characteristics
Limits
Units
Remarks
Min
Max
Any supply voltage
-0.5
+7
V
Voltage on any input terminal
-0.5
Vdd + 0.5
V
Operating temperature
-40
+85
°C
Temperature range confirmed by
evaluation testing.
Storage temperature
-40
+85
°C
Temperature range confirmed by
evaluation testing.
-40
+120
Maximum 1 hour.
Sensor soldering
temperature
NA
125
°C
Hand soldering only. The sensor’s
temperature may not rise above this limit.
Please read the Soldering and Handling
Conditions on page 18 for more
information.
Table 5. DC Operating Conditions
Symbol
Parameter
Limits
Units
Min
Typ
Max
VDDA
Analog supply of the image core.
5
V
VDDD
Digital supply of the image core.
5
V
VDD_ADC_ANA
Analog supply of the ADC circuitry.
5
V
VDD_ADC_DIG
Digital supply of the ADC circuitry.
5
V
VDD_DIG_OUT
Power supply of ADC digital output stage.
5
V
VRES
Reset level for RESET signal.
5
V
VREF
Reset level for RESET_DS signal.
4
5
V
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com