Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAR1000SP Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # STAR1000SP
Description  1M Pixel Radiation Hard CMOS Image Sensor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

STAR1000SP Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button STAR1000SP Datasheet HTML 2Page - Cypress Semiconductor STAR1000SP Datasheet HTML 3Page - Cypress Semiconductor STAR1000SP Datasheet HTML 4Page - Cypress Semiconductor STAR1000SP Datasheet HTML 5Page - Cypress Semiconductor STAR1000SP Datasheet HTML 6Page - Cypress Semiconductor STAR1000SP Datasheet HTML 7Page - Cypress Semiconductor STAR1000SP Datasheet HTML 8Page - Cypress Semiconductor STAR1000SP Datasheet HTML 9Page - Cypress Semiconductor STAR1000SP Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
STAR1000
Document Number: 38-05714 Rev. *C
Page 6 of 21
GNDA
Analog ground of the image core.
0
V
GNDD
Digital ground of the image core.
0
V
GND_ADC_ANA
Analog ground of the ADC circuitry.
0
V
GND_ADC_DIG
Digital ground of the ADC circuitry.
0
V
VIH
Logical '1' input voltage.
1.8
VDDD
V
VIL
Logical '0' input voltage.
0
1
V
VOH
Logical '1' output voltage.
4.25
VDDD
V
VOL
Logical '0' output voltage.
1
V
Table 5. DC Operating Conditions (continued)
Symbol
Parameter
Limits
Units
Min
Typ
Max
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com