Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3601IMSE Datasheet(PDF) 15 Page - Linear Technology

Part # LTC3601IMSE
Description  1.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3601IMSE Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC3601IMSE Datasheet HTML 11Page - Linear Technology LTC3601IMSE Datasheet HTML 12Page - Linear Technology LTC3601IMSE Datasheet HTML 13Page - Linear Technology LTC3601IMSE Datasheet HTML 14Page - Linear Technology LTC3601IMSE Datasheet HTML 15Page - Linear Technology LTC3601IMSE Datasheet HTML 16Page - Linear Technology LTC3601IMSE Datasheet HTML 17Page - Linear Technology LTC3601IMSE Datasheet HTML 18Page - Linear Technology LTC3601IMSE Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
LTC3601
15
3601f
APPLICATIONS INFORMATION
a soft-start function by connecting a capacitor from the
TRACK pin to ground. The relationship between output
rise time and TRACK capacitance is given by:
tSS = 430,000 × CTRACK/SS
A default internal soft-start timer forces a minimum soft-
start time of 400μs by overriding the TRACK pin input
during this time period. Hence, capacitance values less
than approximately 1000pF will not significantly affect
soft-start behavior.
When using the TRACK pin, the regulator defaults to
Burst Mode operation until the output exceeds 80% of
its final value (VFB > 0.48V). Once the output reaches this
voltage, the operating mode of the regulator switches to
the mode selected by the MODE/SYNC pin as described
above. During normal operation, if the output drops below
10% of its final value (as it may when tracking down, for
instance), the regulator will automatically switch to Burst
Mode operation to prevent inductor saturation and improve
TRACK pin accuracy.
Output Power Good
The PGOOD output of the LTC3601 is driven by a 15Ω
(typical) open-drain pull-down device. This device will be
turned off once the output voltage is within 5% (typical) of
the target regulation point allowing the voltage at PGOOD
to rise via an external pull-up resistor (100k typical). If
the output voltage exits a 8% (typical) regulation window
around the target regulation point the open-drain output
will pull down with 15Ω output resistance to ground,
thus dropping the PGOOD pin voltage. A filter time of
40μs (typical) acts to prevent unwanted PGOOD output
changes during VOUT transient events. As a result, the
output voltage must be within the target regulation win-
dow of 5% for 40μs before the PGOOD pin is pulled high.
Conversely, the output voltage must exit the 8% regulation
window for 40μs before the PGOOD pin pulls to ground
(see Figure 4).
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
It is often useful to analyze individual losses to determine
what is limiting the efficiency and which change would
produce the most improvement. Percent efficiency can
be expressed as:
% Efficiency = 100% – (L1 + L2 + L3 +…)
where L1, L2, etc. are the individual loss terms as a per-
centage of input power.
Although all dissipative elements in the circuit produce
losses, three main sources account for the majority of the
losses in the LTC3601: 1) I2R loss, 2) switching losses
and quiescent current loss, 3) transition losses and other
system losses.
1. I2R loss is calculated from the DC resistances of the
internal switches, RSW, and external inductor, RL. In
continuous mode, the average output current will
flow through inductor L but is “chopped” between the
internal top and bottom power MOSFETs. Thus, the
series resistance looking into the SW pin is a function
of both the top and bottom MOSFET’s RDS(ON) and the
duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
PGOOD
VOLTAGE
VOUT
–8%
–5%
5%
8%
3601 F04
0%
NOMINAL OUTPUT
Figure 4. PGOOD Pin Behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com