Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2626 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2626
Description  Brushless DC Motor Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2626 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2626 Datasheet HTML 1Page - Texas Instruments UCC2626 Datasheet HTML 2Page - Texas Instruments UCC2626 Datasheet HTML 3Page - Texas Instruments UCC2626 Datasheet HTML 4Page - Texas Instruments UCC2626 Datasheet HTML 5Page - Texas Instruments UCC2626 Datasheet HTML 6Page - Texas Instruments UCC2626 Datasheet HTML 7Page - Texas Instruments UCC2626 Datasheet HTML 8Page - Texas Instruments UCC2626 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
UCC2626
UCC3626
PRELIMINARY
04/99
FEATURES
• Two Quadrant and Four Quadrant
Operation
• Integrated Absolute Value Current
Amplifier
• Pulse-by-Pulse and Average Current
Sensing
• Accurate, Variable Duty Cycle
Tachometer Output
• Trimmed Precision Reference
• Precision Oscillator
• Direction Output
Brushless DC Motor Controller
17
HALLC
8
DIR_OUT
14
PWM_NI
13
PWM_I
16
HALLB
SYNCH
11
OC_REF
9
SNS_I
3
4
1
5
22
CLOW
C_TACH
R_TACH
TACH_OUT
GND
2VREF
27
AHI
25
BHI
23
CHI
26
ALOW
10
SNS_NI
IOUT
7
6
12
CT
18
COAST
21
DIR_IN
15
HALLA
19
BRAKE
20
QUAD
SENSE AMPLIFIER
OVER-CURRENT
COMPARATOR
OSCILLATOR
DIRECTION
DETECTOR
EDGE
DETECTOR
28
VDD
ONE SHOT
R•C
5VOLT
REFERENCE
Q
Q
S
R
PWM LOGIC
24
BLOW
1.75V
DIRECTION
SELECT
HALL
DECODER
PWM COMPARATOR
X5
Q
Q
S
R
BLOCK DIAGRAM
UDG-97173
DESCRIPTION
The UCC3626 motor controller IC combines many of the functions re-
quired to design a high performance, two or four quadrant, 3-phase,
brushless DC motor controller into one package. Rotor position inputs
are decoded to provide six outputs that control an external power stage.
A precision triangle oscillator and latched comparator provide PWM mo-
tor control in either voltage or current mode configurations. The oscilla-
tor is easily synchronized to an external master clock source via the
SYNCH input. Additionally, a QUAD select input configures the chip to
modulate either the low side switches only, or both upper and lower
switches, allowing the user to minimize switching losses in less de-
manding two quadrant applications.
The chip includes a differential current sense amplifier and absolute
value circuit which provide an accurate reconstruction of motor current,
useful for pulse by pulse over current protection as well as closing a
current control loop. A precision tachometer is also provided for imple-
menting closed loop speed control. The TACH_OUT signal is a variable
duty cycle, frequency output which can be used directly for digital con-
trol or filtered to provide an analog feedback signal. Other features in-
clude COAST, BRAKE, and DIR_IN commands along with a direction
output, DIR_OUT.
application
INFO
available


Similar Part No. - UCC2626

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2626 TI2-UCC2626 Datasheet
466Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
REVISED JANUARY 2002
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
UCC2626DW TI1-UCC2626DW Datasheet
688Kb / 23P
BRUSHLESS ESS DC MOTOR CONTROLLER
UCC2626DW TI2-UCC2626DW Datasheet
466Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
REVISED JANUARY 2002
UCC2626DW.A TI2-UCC2626DW.A Datasheet
466Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
REVISED JANUARY 2002
More results

Similar Description - UCC2626

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
Brushless DC Motor Controller
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
BRUSHLESS DC MOTOR CONTROLLER
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
BRUSHLESS DC MOTOR CONTROLLER
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC2625-EP TI-UC2625-EP Datasheet
561Kb / 24P
BRUSHLESS DC MOTOR CONTROLLER
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com