Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3620 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3620
Description  Ultralow Power 15mA Synchronous Step-Down Switching Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3620 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3620 Datasheet HTML 8Page - Linear Technology LTC3620 Datasheet HTML 9Page - Linear Technology LTC3620 Datasheet HTML 10Page - Linear Technology LTC3620 Datasheet HTML 11Page - Linear Technology LTC3620 Datasheet HTML 12Page - Linear Technology LTC3620 Datasheet HTML 13Page - Linear Technology LTC3620 Datasheet HTML 14Page - Linear Technology LTC3620 Datasheet HTML 15Page - Linear Technology LTC3620 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3620
13
3620f
TYPICAL APPLICATIONS
High Efficiency Low Power Step-Down Converter, FMIN/MODE = 0
Efficiency vs Load Current
Efficiency vs VIN
VIN
RUN
1μF
CER
1μF
CER
LOBATB
LOBATB
VIN
2.9V TO 5.5V
VOUT
1.1V
523k
3620 TA02a
432k
1M
22μH
22pF
LTC3620
SW
VFB
FMIN/MODE
GND
LOAD CURRENT (mA)
0.1
40
50
60
70
80
110
3620 TA02b
30
20
10
0
90
100
VIN = 3V
VIN = 3.6V
VIN = 5.5V
TA = 25°C
VOUT = 1.1V
FMIN/MODE = 0V
VIN (V)
2.5
0
10
30
40
50
100
70
3.5
4.5
3620 TA02c
20
80
90
60
5.5
6.5
IOUT = 500μA
IOUT = 1mA
IOUT = 10mA
TA = 25°C
VOUT = 1.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com