Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4012 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC4012
Description  High Effi ciency, Multi-Chemistry Battery Charger with PowerPath Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4012 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC4012 Datasheet HTML 18Page - Linear Technology LTC4012 Datasheet HTML 19Page - Linear Technology LTC4012 Datasheet HTML 20Page - Linear Technology LTC4012 Datasheet HTML 21Page - Linear Technology LTC4012 Datasheet HTML 22Page - Linear Technology LTC4012 Datasheet HTML 23Page - Linear Technology LTC4012 Datasheet HTML 24Page - Linear Technology LTC4012 Datasheet HTML 25Page - Linear Technology LTC4012 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTC4012/
LTC4012-1/LTC4012-2
22
4012f
RIN should not be less than 2.37k or more than 6.04k. Val-
ues of RIN greater than 3.01k may cause some reduction in
programmed current accuracy. Use these equations and
guidelines, as represented in Table 6, to help select the cor-
rect inductor value. This table was developed to maintain
maximum ΔIL near 0.6 • IMAX with fPWM at 550kHz and
VBAT=0.5•VCLP(thepointofmaximumΔIL),assumingthat
inductor value could also vary by 25% at IMAX.
Table 6. Minimum Typical Inductor Values
VCLP
L1
(Typ)
IMAX
RSENSE
RIN
RPROG
<10V
≥10μH
1A
100mΩ
3.01k
26.7k
10V to 20V
≥20μH
1A
100mΩ
3.01k
26.7k
>20V
≥28μH
1A
100mΩ
3.01k
26.7k
<10V
≥5.1μH
2A
50mΩ
3.01k
26.7k
10V to 20V
≥10μH
2A
50mΩ
3.01k
26.7k
>20V
≥14μH
2A
50mΩ
3.01k
26.7k
<10V
≥3.4μH
3A
33mΩ
3.01k
26.7k
10V to 20V
≥6.8μH
3A
33mΩ
3.01k
26.7k
>20V
≥9.5μH
3A
33mΩ
3.01k
26.7k
<10V
≥2.5μH
4A
25mΩ
3.01k
26.7k
10V to 20V
≥5.1μH
4A
25mΩ
3.01k
26.7k
>20V
≥7.1μH
4A
25mΩ
3.01k
26.7k
To guarantee that a chosen inductor is optimized in any
given application, use the design equations provided and
perform bench evaluation in the target application, par-
ticularly at duty cycles below 20% or above 80% where
PWM frequency can be much less than the nominal value
of 550kHz.
TGATE BOOST Supply
Use the external components shown in Figure 11 to de-
velop a bootstrapped BOOST supply for the TGATE FET
driver. A good set of equations governing selection of the
two capacitors is:
C
Q
V
CC
G
1
20
45
220
1
==
•
.
,•
where QG is the rated gate charge of the top external NFET
with VGS = 4.5V. The maximum average diode current is
then given by:
ID = QG • 665kHz
To improve efficiency by increasing VGS applied to the
top FET, substitute a Schottky diode with low reverse
leakage for D1.
PWM jitter has been observed in some designs operating
at higher VIN/VOUT ratios. This jitter does not substantially
affect DC charge current accuracy. A series resistor with a
value of 5Ω to 20Ω can be inserted between the cathode
of D1 and the BOOST pin to remove this jitter, if present.
A resistor case size of 0603 or larger is recommended to
lower ESL and achieve the best results.
APPLICATIONS INFORMATION
Figure 11. TGATE Boost Supply
20
17
BOOST
INTVDD
18
SW
LTC4012
4012 F11
C2
2μF
C1
0.1μF
L1
TO
RSENSE
D1
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com