Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4160 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4160
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4160 Datasheet HTML 10Page - Linear Technology LTC4160 Datasheet HTML 11Page - Linear Technology LTC4160 Datasheet HTML 12Page - Linear Technology LTC4160 Datasheet HTML 13Page - Linear Technology LTC4160 Datasheet HTML 14Page - Linear Technology LTC4160 Datasheet HTML 15Page - Linear Technology LTC4160 Datasheet HTML 16Page - Linear Technology LTC4160 Datasheet HTML 17Page - Linear Technology LTC4160 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LTC4160/LTC4160-1
14
41601f
OPERATION
the programmed limit, CLPROG reaches 1.18V and power
delivered by the switching regulator is held constant.
The input current limit is programmed by the ILIM0 and
ILIM1 pins. The input current limit has four possible set-
tings ranging from the USB suspend limit of 500μA up
to 1A for wall adapter applications. Two of these settings
are specifically intended for use in the 100mA and 500mA
USB application. Refer to Table 1 for current limit settings
using ILIM0 and ILIM1.
Table 1. USB Current Limit Settings Using ILIM0 and ILIM1
ILIM1
ILIM0
USB SETTING
0
0
1x Mode (USB 100mA Limit)
0
1
10x Mode (Wall 1A Limit)
1
0
Low Power Suspend (USB 500μA Limit)
1
1
5x Mode (USB 500mA Limit)
When the switching regulator is activated, the average
input current will be limited by the CLPROG programming
resistor according to the following expression:
II
V
R
h
VBUS
VBUSQ
CLPROG
CLPROG
CLPROG
=+
+
()
•1
where IVBUSQ is the quiescent current of the LTC4160/
LTC4160-1, VCLPROG is the CLPROG servo voltage in
current limit, RCLPROG is the value of the programming
resistor and hCLPROG is the ratio of the measured cur-
rent at VBUS to the sample current delivered to CLPROG.
Refer to the Electrical Characteristics table for values of
hCLPROG, VCLPROG and IVBUSQ. Given worst-case circuit
tolerances, the USB specification for the average input
current in 100mA or 500mA mode will not be violated,
provided that RCLPROG is 3.01k or greater.
While not in current limit, the switching regulator’s
Bat-Track feature will set VOUT to approximately 300mV
above the voltage at BAT. However, if the voltage at BAT
is below 3.3V, and the load requirement does not cause
the switching regulator to exceed its current limit, VOUT
will regulate at a fixed 3.6V, as shown in Figure 2. This
instant-on operation will allow a portable product to run
immediately when power is applied without waiting for the
battery to charge. If the load does exceed the current limit
at VBUS, VOUT will range between the no-load voltage and
slightly below the battery voltage, indicated by the shaded
region of Figure 2.
Figure 1. Power Path Block Diagram – Power Available from USB/Wall Adapter
+
–
0.3V
1.18V
3.6V
CLPROG
ISWITCH/N
+ –
15mV
OmV
IDEAL
DIODE
PWM AND
GATE DRIVE
AVERAGE VBUS INPUT
CURRENT LIMIT
CONTROLLER
VBUS
VOLTAGE
CONTROLLER
VOUT VOLTAGE
CONTROLLER
5V
IDGATE
10
VOUT
12
SW
3.5V TO
(BAT + 0.3V)
TO SYSTEM LOAD
SINGLE CELL
Li-Ion
41601 F01
14
BAT
USB INPUT
BATTERY POWER
11
TO USB
OR WALL
ADAPTER
+
VBUS
6V
OVERVOLTAGE PROTECTION
2
+
–
1V
BATTERY CHARGER
IBAT/1000
VFLOAT
PROG
8
17
13
2
OVSENS
1
OVGATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com