Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6412 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC6412
Description  800MHz, 31dB Range Analog-Controlled VGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6412 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC6412 Datasheet HTML 16Page - Linear Technology LTC6412 Datasheet HTML 17Page - Linear Technology LTC6412 Datasheet HTML 18Page - Linear Technology LTC6412 Datasheet HTML 19Page - Linear Technology LTC6412 Datasheet HTML 20Page - Linear Technology LTC6412 Datasheet HTML 21Page - Linear Technology LTC6412 Datasheet HTML 22Page - Linear Technology LTC6412 Datasheet HTML 23Page - Linear Technology LTC6412 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC6412
21
6412f
Figure 7. Large-Signal Output Equivalent Circuit Schematic
Figure 8. Small-Signal Output Equivalent Circuit Model
TO BUFFER
AMP
150Ω
0.3pF
0.3pF
8pF
5Ω
5Ω
5Ω
5Ω
+OUT
–OUT
6412 F06
LOWPASS FILTER
150Ω
gm
300Ω
DIFFERENTIAL
MODE ADMITTANCE
IDEAL 1:1
TRANSFORMER
WITH
CENTER TAP
COMMON MODE
ADMITTANCE
175Ω
190Ω
+OUT
–OUT
ZOUT
1.5pF
5pF
4pF
6412 F08
1nH
1nH
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com