Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4614 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4614
Description  Dual 4A per Channel Low VIN DC/DC 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4614 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4614 Datasheet HTML 10Page - Linear Technology LTM4614 Datasheet HTML 11Page - Linear Technology LTM4614 Datasheet HTML 12Page - Linear Technology LTM4614 Datasheet HTML 13Page - Linear Technology LTM4614 Datasheet HTML 14Page - Linear Technology LTM4614 Datasheet HTML 15Page - Linear Technology LTM4614 Datasheet HTML 16Page - Linear Technology LTM4614 Datasheet HTML 17Page - Linear Technology LTM4614 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM4614
14
4614fa
APPLICATIONS INFORMATION
Table 2. 1.2V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 7
5
Figure 5
0
None
15
Figure 7
5
Figure 5
200
None
12
Figure 7
5
Figure 5
400
None
10
Figure 8
5
Figure 5
0
BGA Heat Sink
12
Figure 8
5
Figure 5
200
BGA Heat Sink
9
Figure 8
5
Figure 5
400
BGA Heat Sink
7
Table 3. 3.3V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 9
5
Figure 6
0
None
15
Figure 9
5
Figure 6
200
None
12
Figure 9
5
Figure 6
400
None
10
Figure 10
5
Figure 6
0
BGA Heat Sink
12
Figure 10
5
Figure 6
200
BGA Heat Sink
9
Figure 10
5
Figure 6
400
BGA Heat Sink
7
HEAT SINK MANUFACTURER
PART NUMBER
PHONE NUMBER
Aavid
375424b00034G
603-635-2800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com