Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4619 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM4619
Description  Dual, 26VIN, 4A DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4619 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM4619 Datasheet HTML 5Page - Linear Technology LTM4619 Datasheet HTML 6Page - Linear Technology LTM4619 Datasheet HTML 7Page - Linear Technology LTM4619 Datasheet HTML 8Page - Linear Technology LTM4619 Datasheet HTML 9Page - Linear Technology LTM4619 Datasheet HTML 10Page - Linear Technology LTM4619 Datasheet HTML 11Page - Linear Technology LTM4619 Datasheet HTML 12Page - Linear Technology LTM4619 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTM4619
9
4619f
The typical LTM4619 application circuit is shown in
Figure 18. External component selection is primarily
determined by the maximum load current and output
voltage.
Output Voltage Programming
The PWM controller has an internal 0.8V reference voltage.
As shown in the block diagram, a 60.4k internal feedback
resistor RFB connects VOUT to VFB pin. The output voltage
will default to 0.8V with no feedback resistor. Adding a
resistor RSET from VFB pin to SGND programs the output
voltage:
VOUT = 0.8V •
60.4k +RSET
RSET
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT (V)
0.8
1.2
1.5
1.8
2.5
3.3
5
RSET (kΩ)
Open
121
68.1
48.7
28.0
19.1
11.5
Input Capacitors
The LTM4619 module should be connected to a low AC-
impedance DC source. Two 1.5μF input ceramic capacitors
are included inside the module. Additional input capacitors
are needed if a large load is required up to the 4A level. A
47μF to 100μF surface mount aluminum electrolytic bulk
capacitor can be used for more input bulk capacitance.
This bulk capacitor is only needed if the input source im-
pedance is compromised by long inductive leads, traces
or not enough source capacitance.
For a buck converter, the switching duty-cycle can be
estimated as:
D=
VOUT
VIN
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η
•D •(1−D)
In the above equation,
η is the estimated efficiency of the
power module. The bulk capacitor can be a switcher-rated
electrolytic aluminum capacitor, polymer capacitor for
bulk input capacitance due to high inductance traces or
leads. One 10μF ceramic input capacitor is typically rated
for 2A of RMS ripple current, so the RMS input current
at the worst case for each output at 4A maximum current
is about 2A. If a low inductance plane is used to power
the device, then two 10μF ceramic capacitors are enough
for both outputs at 4A load and no external input bulk
capacitor is required.
Output Capacitors
The LTM4619 is designed for low output voltage ripple
noise. The bulk output capacitors defined as COUT are
chosen with low enough effective series resistance (ESR)
to meet the output voltage ripple and transient require-
ments. COUT can be the low ESR tantalum capacitor, the
low ESR polymer capacitor or ceramic capacitor. The typical
output capacitance range for each output is from 47μF to
220μF. Additional output filtering may be required by the
system designer, if further reduction of output ripples or
dynamic transient spikes is required. The Linear Technology
μModule Power Design Tool will be provided for stability
analysis. Multiphase operation will reduce effective output
ripple as a function of the number of phases. Application
Note 77 discusses this noise reduction versus output ripple
current cancellation, but the output capacitance should be
considered carefully as a function of stability and transient
response. The Linear Technology μModule Power Design
Tool can calculate the output ripple reduction as the number
of implemented phases increased by N times.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com