Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4615EV Datasheet(PDF) 7 Page - Linear Technology

Part # LTM4615EV
Description  Triple Output, Low Voltage DC/DC 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615EV Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM4615EV Datasheet HTML 3Page - Linear Technology LTM4615EV Datasheet HTML 4Page - Linear Technology LTM4615EV Datasheet HTML 5Page - Linear Technology LTM4615EV Datasheet HTML 6Page - Linear Technology LTM4615EV Datasheet HTML 7Page - Linear Technology LTM4615EV Datasheet HTML 8Page - Linear Technology LTM4615EV Datasheet HTML 9Page - Linear Technology LTM4615EV Datasheet HTML 10Page - Linear Technology LTM4615EV Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM4615
7
4615f
TYPICAL PERFORMANCE CHARACTERISTICS
Ripple Rejection
Output Current Limit
Delay from Enable to Power Good
4615 G19
FREQUENCY (Hz)
100
70
60
50
40
30
20
10
0
100000
1000
10000
1000000 1E+07
VBOOST3 = 5V
VLDO_IN = 1.5V
VLDO_OUT =1.2V
IOUT = 800mA
COUT = 10μF
4615 G20
VLDO_IN (V)
1.0
2.5
3.5
1.5
2.0
3.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
CURRENT LIMIT
THERMAL LIMIT
VLDO_OUT = 0V
TA = 25°C
4615 G21
VLDO_IN (V)
1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3.0
1.5
2.0
2.5
3.5
–40°C
25°C
85°C
VLDO_OUT = 0.8V
RLDO_OUT = 8Ω
Output Load Transient Response
IN Supply Transient Response
4615 G22
ILDO_OUT
1.5A
2mA
VLDO_OUT
AC
20mV/DIV
50μs/DIV
VLDO_OUT = 1.5V
COUT = 10μF
VLDO_IN = 1.7V
VBOOST3 = 5V
4615 G23
VLDO_IN
2V
1.5V
VLDO_OUT
AC
10mV/DIV
10μs/DIV
VLDO_OUT = 1.2V
ILDO_OUT = 800mA
COUT = 10μF
VBOOST3 = 5V
TA = 25°C
BOOST3/OUT Start-Up
BOOST3 Ripple and Feedthrough to
VLDO_OUT
4615 G24
EN3
BOOST3
VLDO_OUT
HI
LO
200μs/DIV
TA = 25°C
RLDO_OUT = 1Ω
VLDO_IN = 1.7V
5V
1.5V
1V
0V
4615 G25
BOOST3
AC 20mV/DIV
VLDO_OUT
AC 5mV/DIV
20μs/DIV
VLDO_OUT = 1.2V
VLDO_IN = 1.5V
ILDO_OUT = 1A
COUT = 10μF
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com