Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8025MPV Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8025MPV
Description  36V, 3A Step-Down 關Module Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8025MPV Datasheet(HTML) 3 Page - Linear Technology

  LTM8025MPV Datasheet HTML 1Page - Linear Technology LTM8025MPV Datasheet HTML 2Page - Linear Technology LTM8025MPV Datasheet HTML 3Page - Linear Technology LTM8025MPV Datasheet HTML 4Page - Linear Technology LTM8025MPV Datasheet HTML 5Page - Linear Technology LTM8025MPV Datasheet HTML 6Page - Linear Technology LTM8025MPV Datasheet HTML 7Page - Linear Technology LTM8025MPV Datasheet HTML 8Page - Linear Technology LTM8025MPV Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTM8025
3
8025f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM8025E is guaranteed to meet performance specifications
from 0°C to 125°C internal. Specifications over the full –40°C to
125°C internal operating temperature range are assured by design,
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage Ripple (RMS)
0A < IOUT < 3A
10
mV
Switching Frequency
RT = 45.3k
775
kHz
Voltage (at ADJ Pin)
l
775
770
790
805
810
mV
mV
Current Out of ADJ Pin
ADJ = 0V, VOUT = 1V
2
μA
Minimum BIAS Voltage for Proper Operation
2
2.8
V
RUN/SS Pin Current
RUN/SS = 2.5V
5
10
μA
RUN Input High Voltage
2.5
V
RUN Input Low Voltage
0.2
V
PGOOD Threshold (at ADJ Pin)
VOUT Rising
710
mV
PGOOD Leakage Current
PGOOD = 30V
0.1
1
μA
PGOOD Sink Current
PGOOD = 0.4V
200
700
μA
SYNC Input Low Threshold
fSYNC = 550kHz
0.5
V
SYNC Input High Threshold
fSYNC = 550kHz
0.7
V
SYNC Bias Current
SYNC = 0V
0.1
μA
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, RUN/SS = 12V, BIAS = 3V unless otherwise noted. (Note 2)
characterization and correlation with statistical process controls. The
LTM8025I is guaranteed to meet specifications over the full –40°C
to 125°C internal operating temperature range. The LTM8025MP is
guaranteed to meet specifications over the full –55°C to 125°C internal
operating temperature range. Note that the maximum internal temperature
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal resistance and other environmental
factors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com