Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7264 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # SH7264
Description  High-speed Read/Write Serial Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7264 Datasheet(HTML) 1 Page - Renesas Technology Corp

  SH7264 Datasheet HTML 1Page - Renesas Technology Corp SH7264 Datasheet HTML 2Page - Renesas Technology Corp SH7264 Datasheet HTML 3Page - Renesas Technology Corp SH7264 Datasheet HTML 4Page - Renesas Technology Corp SH7264 Datasheet HTML 5Page - Renesas Technology Corp SH7264 Datasheet HTML 6Page - Renesas Technology Corp SH7264 Datasheet HTML 7Page - Renesas Technology Corp SH7264 Datasheet HTML 8Page - Renesas Technology Corp SH7264 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
APPLICATION NOTE
REJ06B0889-0100/Rev.1.00
June 2009
Page 1 of 45
SH7262/SH7264 Group
High-speed Read/Write Serial Flash Memory
Using the Renesas Serial Peripheral Interface
Summary
This application note describes how to read or write serial flash memory in high-speed using the SH7262/SH7264
Microcomputers (MCUs) Renesas Serial Peripheral Interface (RSPI).
Target Device
SH7262/SH7264 MCU (In this document, SH7262/SH7264 are described as "SH7264").
Contents
1.
Introduction........................................................................................................................................ 2
2.
Applications ....................................................................................................................................... 3
3.
Sample Program Listing .................................................................................................................. 19
4.
References ...................................................................................................................................... 43


Similar Part No. - SH7264

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7261 RENESAS-SH7261 Datasheet
7Mb / 1348P
32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7263 RENESAS-SH7263 Datasheet
9Mb / 1862P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7265 RENESAS-SH7265 Datasheet
11Mb / 2024P
Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
SH7268 RENESAS-SH7268 Datasheet
367Kb / 26P
Transmission/Reception of Renesas SPDIF Interface
SH7269 RENESAS-SH7269 Datasheet
367Kb / 26P
Transmission/Reception of Renesas SPDIF Interface
More results

Similar Description - SH7264

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
512Kbit High Speed SPI Serial Flash Memory
logo
Sanyo Semicon Device
LE25FW418A SANYO-LE25FW418A Datasheet
324Kb / 27P
4M-bit (512K횞8) Serial Flash Memory with High-Density Read Mode
LE25FW808 SANYO-LE25FW808 Datasheet
150Kb / 27P
8M-bit (1024K횞8) Serial Flash Memory with High-Density Read Mode
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
ATMEL Corporation
AT89C51CC03 ATMEL-AT89C51CC03_14 Datasheet
327Kb / 7P
Read/Write Flash and EEPROM Memories
T89C51CC01 ATMEL-T89C51CC01_14 Datasheet
346Kb / 32P
Read/Write Flash and EEPROM Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com