Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7137 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SH7137
Description  SCI Clock Synchronous Simultaneous Transmit and Receive of Serial Data and DTC Data Transfer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7137 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SH7137 Datasheet HTML 9Page - Renesas Technology Corp SH7137 Datasheet HTML 10Page - Renesas Technology Corp SH7137 Datasheet HTML 11Page - Renesas Technology Corp SH7137 Datasheet HTML 12Page - Renesas Technology Corp SH7137 Datasheet HTML 13Page - Renesas Technology Corp SH7137 Datasheet HTML 14Page - Renesas Technology Corp SH7137 Datasheet HTML 15Page - Renesas Technology Corp SH7137 Datasheet HTML 16Page - Renesas Technology Corp SH7137 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
SH7136/SH7137 Group
SCI Clock Synchronous Simultaneous Transmit and
Receive of Serial Data and DTC Data Transfer
REJ06B0890-0100/Rev.1.00
July 2009
Page 13 of 22
2.4.3
Initialization of Data Transfer Controller (DTC)
Figure 10 shows the initial setting sequence for the data transfer controller (DTC).
[1]
Make vector table settings
[4]
[5]
[7]
[2]
[1] Operating mode selection
· RRS bit = B'0: No not skip reading DTC transfer information.
· RCHNE bit = B'0: Disable chain transfer after repeat transfer.
· ERR bit = B'0: Clear transfer stop flag.
DTC transfer information (DTC_RXI0) settings for SCI receive
[2] Operating mode A selection
· MD bit = B'00: Normal transfer mode
· Sz bit = B'00: Byte size transfer
· SM bit = B'00: SAR is fixed.
[3] Operating mode B selection
· CHNE bit = B'0: Disable chain transfer.
· DISEL bit = B'0: Enable interrupt after end of specified
transfer count.
· DM bit = B'10: Increment DAR after transfer.
[4] Transfer source address setting
Specify SCI receive data register_0 (SCRDR_0).
[5] Transfer destination address setting
Specify SCI receive data storage area (start address)
(on-chip RAM).
[6] Data transfer count: 32 times
[7] Specify block data transfer count (not used): 0 times
DTC transfer information (DTC_TXI0) settings for SCI transmit
[8] Operating mode A selection
· MD bit = B'00: Normal transfer mode
· Sz bit = B'00: Byte size transfer
· SM bit = B'10: Increment SAR after transfer.
[9] Operating mode B selection
· CHNE bit = B'0: Disable chain transfer.
· DISEL bit = B'0: Enable interrupt after end of transfer.
· DM bit = B'00: DAR is fixed.
[10] Transfer source address setting
Specify SCI transmit data storage area (start address)
(on-chip RAM).
[11] Transfer destination address setting
Specify SCI transmit data register_0 (SCTDR_0).
[12] Set data transfer count: 32 times
[13] Specify block data transfer count (not used): 0 times
[14] DTC vector base register setting
Allocate DTC vector table in on-chip RAM.
[15]
· Set DTC transfer information (DTC_RXI0) for SCI receive
in vector table.
· Set DTC transfer information (DTC_TXI0) for SCI transmit
in vector table.
[16] DTC interrupt vector settings
· Enable DTC activation by SCI_0 interrupt source RXI_0.
· Enable DTC activation by SCI_0 interrupt source TXI_0.
[3]
dtc_init()
END
Make settings in DTC control
register (DTCCR)
Make settings in DTC enable
register E (DTCERE)
DTC settings
for SCI
transmit
(DTC_TXI0)
DTC settings
for SCI receive
(DTC_RXI0)
Make setting in DTC vector base
register
[6]
[10]
[11]
[13]
[8]
[9]
[12]
[14]
[16]
[15]
Make setting in DTC transfer count
register A (CRA)
Make settings in DTC mode
register A (MRA)
Make settings in DTC mode
register B (MRB)
Make setting in DTC source
address register (SAR)
Make setting in DTC destination
address register (DAR)
Make setting in DTC transfer count
register B (CRB)
Make setting in DTC transfer count
register A (CRA)
Make settings in DTC mode
register A (MRA)
Make settings in DTC mode
register B (MRB)
Make setting in DTC source
address register (SAR)
Make setting in DTC destination
address register (DAR)
Make setting in DTC transfer count
register B (CRB)
Figure 10 Initialization of Data Transfer Controller (DTC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com