Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3831 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3831
Description  Universal Serial Bus Power Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3831 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3831 Datasheet HTML 1Page - Texas Instruments UCC3831 Datasheet HTML 2Page - Texas Instruments UCC3831 Datasheet HTML 3Page - Texas Instruments UCC3831 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
11/97
APPLICATION AND BLOCK DIAGRAM
•
Fully USB Compliant
•
Support Four 5V Peripherals and
One USB 3.3V Controller
•
Separate Power Enables
•
500mA Current Limiting per
Channel
•
Separate Open Drain Fault
Indicator for Each Channel
•
3.3V Output for USB Controller
•
Available in 28 Pin Wide Surface
Mount and DIP
Universal Serial Bus Power Controller
FEATURES
DESCRIPTION
UCC3831
PRELIMINARY
UDG-97101
The UCC3831 Power Controller is designed to provide a self powered
USB hub with a local 3.3V regulated voltage and four 5V regulated volt-
ages for USB ports. Each of the 5V output ports is individually enabled
for optimal port control. Each port also provides an overcurrent fault sig-
nal indicating that the port has exceeded a 500mA current limit. The
3.3V linear regulator is used to power the local USB microcontroller.
This regulator is protected with a 100mA current limit and has a logic
level enable input.
The UCC3831 can be configured to provide USB port power from a
loosely regulated voltage such as a Filament voltage internal to a moni-
tor. Pre-regulation is provided by an internal linear regulator controller
and one external logic level N-channel MOSFET. The UCC3831 can
also be configured without using the pre-regulator stage by connecting
the VREG pins to a regulated 5.5V 2A source.
The UCC3831 comes in a 28-pin wide SOIC power package optimized
for power dissipation, and is protected by internal over-temperature
shutdown mechanism, which disables the outputs should the internal
junction temperature exceed 150°C.


Similar Part No. - UCC3831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3831 TI1-UCC3831 Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC3831DW TI1-UCC3831DW Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC3831DWP TI1-UCC3831DWP Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC3831DWPTR TI1-UCC3831DWPTR Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC3831N TI1-UCC3831N Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
More results

Similar Description - UCC3831

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC38531 TI-UCC38531 Datasheet
102Kb / 4P
Universal Serial Bus Power Controller
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
NXP Semiconductors
ISP1160 PHILIPS-ISP1160 Datasheet
1Mb / 88P
Embedded Universal Serial Bus Host Controller
Rev. 04-04 July 2003
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
logo
Texas Instruments
UCC3981 TI1-UCC3981 Datasheet
172Kb / 5P
Universal Serial Bus Hot Swap Power Controller
UCC39811 TI1-UCC39811 Datasheet
42Kb / 4P
Universal Serial Bus Hot Swap Power Controller
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
logo
Texas Instruments
UCC3831 TI1-UCC3831_08 Datasheet
171Kb / 5P
Universal Serial Bus Power Controller
UCC38531 TI1-UCC38531_08 Datasheet
128Kb / 5P
Universal Serial Bus Power Controller
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com