Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMEC104EX Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMEC104EX
Description  Adapter for Express Cards 34/54
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMEC104EX Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMEC104EX Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI/104-Express
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMEC104EX – Adapter for Express Cards 34/54
Features
ExpressCard 34/54
USB 2.0 + PCIe
PCI-104 Pass Through Connector
Item Code
Part #
Description
MSMEC104EX
801740
With PC/104+ conector Ex-
pressCard 34/54 adapter
Technical Specifications
Description
FEATURE
MSMEC104EX
Part no. (PCIe + PCI)
801740
Function
ExpressCard-Adapter
ISA-BUS
-
PCI-BUS
pass-through
PCI Express-BUS
yes 1x lane
BUS compatibility
PCI/104-Express
Controller
-
Memory
-
1st interface
ExpressCard
2nd interface
-
Hot plug support
depending on BIOS/OS
Power normal (typ.)
5V/3W
Power management
yes
Operating temperature
-25°C to +70°C
Extended operating temperature
-
Size (W x L x H in mm)
90 x 96 x 17
Weight
65 g
Software support
XP VISTA
MTBF
100‘000h
Special features 1
Type 34/54
Special features 2
-
Special features 3
-
Accessories
Ordering Guide
The MICROSPACE® PCI/104-Express MSMEC104EX ex-
pansion card has an Express card 34/54 bracket allowing a
PCI/104 stack functional expansion using any Express card
function (frame grabber, TV, SCSI, modem, etc.).


Similar Part No. - MSMEC104EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSME104-12-R ETC2-MSME104-12-R Datasheet
116Kb / 2P
LAN-Ethernet Module
MSME104R ETC2-MSME104R Datasheet
116Kb / 2P
LAN-Ethernet Module
logo
ADL Embedded Solutions
MSME104R ADL-MSME104R Datasheet
157Kb / 1P
LAN-Ethernet Module
More results

Similar Description - MSMEC104EX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN63154 PANASONIC-MN63154 Datasheet
32Kb / 4P
EEPROM for IC Cards
logo
Power Integrations, Inc...
EPR-54 POWERINT-EPR-54 Datasheet
1Mb / 40P
Engineering Prototype Report for EP 54 - 2.75 W Charger/Adapter Using LNK520P
logo
Pulse A Technitrol Comp...
23Z108SM PULSE-23Z108SM Datasheet
740Kb / 10P
For Adapter Cards, MAUs, Hubs, and Motherboard Applications
logo
List of Unclassifed Man...
AOC-UINF-M2 ETC2-AOC-UINF-M2 Datasheet
206Kb / 1P
Dual-Port, Low-Latency InfiniBand UIO Adapter Cards with PCI Express 2.0
logo
Axiomtek Co., Ltd.
AX93330-POE4 AXIOMTEK-AX93330-POE4 Datasheet
130Kb / 1P
PCI Express PoE Interface Cards
logo
Contec Co., Ltd
EAD-CE-LPE CONTEC-EAD-CE-LPE Datasheet
216Kb / 2P
Cabled PCI Express PCI Express bus slot Expansion Adapter
ECH-PCI-CE-H4D CONTEC-ECH-PCI-CE-H4D Datasheet
223Kb / 2P
Cabled PCI Express PCI Express bus slot Expansion Adapter
logo
Adlink Technology Inc.
PCIE-RTV24 ADLINK-PCIE-RTV24 Datasheet
486Kb / 1P
4-CH PCI Express / PCI Real-time Video Capture Cards for Standard Cameras
logo
TP-Link Technologies Co...
TG-3468 TP-LINK-TG-3468 Datasheet
453Kb / 2P
Gigabit PCI Express Network Adapter
logo
Renesas Technology Corp
89HPES34H16 RENESAS-89HPES34H16 Datasheet
611Kb / 46P
34-Lane 16-Port PCI Express® Switch
October 3, 2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com