Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMMX104EX Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMMX104EX
Description  Adaptor Board to Accept MXM-II Graphics Module
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMMX104EX Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMMX104EX Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI/104-Express
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMMX104EX - Adaptor Board to Accept MXM-II Graphics Module
Features
•
High performance video
•
i.e. MXM-ATI E2400
•
Dual screen/picture
•
Passive cooling
Item Code
Part #
Description
MSMMX104EX
801745
MXM graphics adapter for MXM-I/II,
Ati & Nvidia compat.
MSM-E2400
801770
MXM-II Ati E-2500 module, without
cooling
MXM-Cooler
801746
Heatpipe cooling solution for MSM-
E2400
Technical Specifications
Description
FEATURE
MSMMX104EX
Part no. (PCIe + PCI)
801745
Function
MXM adapter
ISA-BUS
-
PCI-BUS
-
PCI Express-BUS
PEG 16x PCIe
BUS compatibility
PCI/104-Express
Controller on MXM board
ATI – L2400 (801770)
Memory on MXM board
256MB video RAM
1st interface
MXM type II
2nd interface
1. DVI (Analog + Digital)
3rd interface
2. DVI (Analog + Digital)
Power normal (typ.)
5V & 12V
Power management
-
Operating temperature
-20°C to +70°C
Extended operating temperature
-
Size (W x L x H in mm)
90 x 96 x 17
Weight
60 g
Software support
XP VISTA
MTBF
100‘000h
Special features 1
TV out (S-Video + CBVS)
Special features 2
LVDS out
Special features 3
-
Accessories
MSM-E2400 (801770)
MXM-Cooler (801746)
Ordering Guide
The MICROSPACE® PCI/104-Express MSMMX104EX ex-
pansion card has a bracket for graphic modules conforming
to the MXM norm. The MXM graphics module (must be or-
dered separately) uses an ATI X2400 graphics controller
which connects to the CPU over a high performance PCIe
graphics bus (PEG, 16 lanes x 2.5Gbit/s). A very flat heat
pipe is suggested (# 801746) for cooling.
Shown with MXM-Cooler


Similar Part No. - MSMMX104EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSMM104 ETC2-MSMM104 Datasheet
130Kb / 2P
SOUNDCARD
logo
ADL Embedded Solutions
MSMMI104EX ADL-MSMMI104EX Datasheet
195Kb / 1P
PCIe MiniCard Adapter
More results

Similar Description - MSMMX104EX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDR12864 ETC-HDR12864 Datasheet
81Kb / 9P
128x64 GRAPHICS OLED DISPLAY MODULE
logo
Hantronix,Inc
HDM128GD16 HANTRONIX-HDM128GD16 Datasheet
166Kb / 9P
160x128 GRAPHICS LCD DISPLAY MODULE
HDR128128 HANTRONIX-HDR128128 Datasheet
96Kb / 9P
128x128 GRAPHICS OLED DISPLAY MODULE
logo
List of Unclassifed Man...
DIABLO16-OGM ETC2-DIABLO16-OGM Datasheet
3Mb / 27P
DIABLO OGM GEM Graphics Module
PICASO-OGM ETC-PICASO-OGM Datasheet
2Mb / 22P
OEM Graphics Module
logo
Hantronix,Inc
HDM3224-5 HANTRONIX-HDM3224-5_15 Datasheet
309Kb / 22P
320x240 GRAPHICS LCD DISPLAY MODULE
HDM240200 HANTRONIX-HDM240200_15 Datasheet
181Kb / 16P
240x200 GRAPHICS LCD DISPLAY MODULE
HDM64GS24-2 HANTRONIX-HDM64GS24-2_15 Datasheet
97Kb / 10P
240x64 GRAPHICS LCD DISPLAY MODULE
logo
Adlink Technology Inc.
DLAP-3000-CFL ADLINK-DLAP-3000-CFL Datasheet
237Kb / 2P
Embedded System supporting MXM Graphics Module
logo
Advantech Co., Ltd.
ADAM-6700E ADVANTECH-ADAM-6700E Datasheet
168Kb / 1P
USB to MiniPCIe Adaptor Module
9-May-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com