Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSMSP104EX Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MSMSP104EX
Description  Unit Expander
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MSMSP104EX Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MSMSP104EX Datasheet HTML 1Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCI/104-Express
Data subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MSMSP104EX - Unit Expander
Features
•
1 Height unit expander for PCI/104-Express bus
•
PCIe Bus expander
Item Code
Part #
Description
PCI/104E-Spacer
802607
Spacer kit for PCI/104-express
Technical Specifications
Description
FEATURE
MSMSP104EX
Part no. PCIe
802607
Function
Spacer Kit for PCI/104e
ISA-BUS
-
PCI-BUS
-
PCI Express-BUS
-
Controller
-
Memory
-
Power feed (typ.)
-
1st interface
PCIe Bus expander
2nd interface
-
Power normal
-
Power management
-
Operating temperature
-
Extended operating temperature -
Size (W x L x H in mm)
90 x 14 x 17
Weight
15 g
Software support
-
MTBF
500‘000h
Complies to
PCI/104-Express
Ordering Guide
This MICROSPACE® PCI/104-Express spacer card allows a
height increase of one PCI/104-Express unit (15.24mm +
1.6mm). Only 1 spacer card allowed per PCI/104-Express
stack. Equivalent spacer kits are available for the PCI bus as
well as the ISA bus(802050/51).


Similar Part No. - MSMSP104EX

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMSA104EX ADL-MSMSA104EX Datasheet
201Kb / 1P
PCI/104-Express SATA 300 Adapter Board
logo
Schurter Inc.
MSMSI22 SCHURTER-MSMSI22 Datasheet
378Kb / 3P
Metal switch medium stroke, snap-in, Switching Voltage up to 250V
MSMSI22 SCHURTER-MSMSI22 Datasheet
378Kb / 3P
Metal switch medium stroke, snap-in, Switching Voltage up to 250V
05.01.2022
MSMSI22 SCHURTER-MSMSI22_V01 Datasheet
378Kb / 3P
Metal switch medium stroke, snap-in, Switching Voltage up to 250V
05.01.2022
More results

Similar Description - MSMSP104EX

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6999 PTC-PT6999 Datasheet
44Kb / 3P
Output Expander
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
I/O EXPANDER
logo
Microsemi Corporation
TSC331 MICROSEMI-TSC331 Datasheet
433Kb / 1P
Gate Expander
logo
List of Unclassifed Man...
SAA1061 ETC1-SAA1061 Datasheet
179Kb / 3P
OUTPUT PORT EXPANDER
logo
Honeywell Solid State E...
CTX-95 HONEYWELL-CTX-95 Datasheet
83Kb / 2P
City Tie Expander
logo
Rohm
BU1850MUV ROHM-BU1850MUV Datasheet
414Kb / 18P
GPIO Expander IC
BU8272GUW ROHM-BU8272GUW Datasheet
391Kb / 18P
GPIO Expander IC
logo
TEMEX
CI-F06 TEMEX-CI-F06 Datasheet
561Kb / 9P
CI F06 unit includes a digital pulse expander
logo
AVAGO TECHNOLOGIES LIMI...
SAS3648 AVAGO-SAS3648 Datasheet
607Kb / 2P
SAS/SATA Expander
logo
Gamewell-FCI by Honeywe...
ANX GAMEWELL-FCI-ANX Datasheet
263Kb / 2P
Addressable Node Expander
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com