Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF240 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BF240
Description  AM/FM Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BF240 Datasheet(HTML) 2 Page - Motorola, Inc

  BF240 Datasheet HTML 1Page - Motorola, Inc BF240 Datasheet HTML 2Page - Motorola, Inc BF240 Datasheet HTML 3Page - Motorola, Inc BF240 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BF240
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
VCE = 10 V
TA = 25°C
BF240
1000
10
20
100
200
300
500
700
100
0.2 0.3 0.5 0.7 1
3
5
10
20
IC, COLLECTOR CURRENT (mA)
Figure 1. Current–Gain — Bandwidth Product
10
0.2
0.1
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Capacitances
0.3
0.4
0.5
0.7
1
2
0.2
0.5
1
3
5
10
20
Cre @ IE = 0
Cob
Cib
200
0.1
IC, COLLECTOR CURRENT (mA)
Figure 3. DC Current Gain
0.2 0.3 0.5 0.7 1
2
3
5 7 10
20
100
10
20
30
50
70
100
1
2
5
10
20
50
2
3
4
5
6
7
8
IC, COLLECTOR CURRENT (mA)
Figure 4. b11e
VCE = 10 V
TA = 25°C
BF240
VCE = 10 V
100 MHz
45 MHz
10.7 MHz
b11e 470 kHz < 0.2 mmhos
–100
–1
–2
–5
–10
–20
–50
2
3
4
5
6
7
8
IC, COLLECTOR CURRENT (mA)
Figure 5. b21e
VCE = 10 V
100 MHz
45 MHz
10.7 MHz
b21e, at 470 kHz < 0.5 mmhos
2000
1
2
3
4
5
6
7
IC, COLLECTOR CURRENT (mA)
Figure 6. b22e (boe)
20
50
100
200
500
1000
VCE = 10 V
100 MHz
45 MHz
10.7 MHz
470 kHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com