Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44550 Datasheet(PDF) 1 Page - Extech Instruments Corporation.

Part # 44550
Description  Humidity / Temperature Pen
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

44550 Datasheet(HTML) 1 Page - Extech Instruments Corporation.

  44550 Datasheet HTML 1Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
User Guide
Humidity / Temperature Pen – Model 44550
Features
• Measures Relative Humidity from 20 to 90%
• Measures Temperature from 14 to 122oF (-10 to 50o C) with switchable oC/oF
units
• Built-in Resistive sensor for Relative Humidity measurements
• Built-in Thermistor sensor for Temperature measurements
• Max/Min record and recall of high and low temperature and humidity
measurements
• CLEAR function key erases recorded readings
• Digital Display with 1% Relative Humidity and 0.1o Temperature resolution
• Complete with pocket clip and one (1) LR-44 button battery
Instructions
• ON/OFF Key
Press the ON/OFF key to turn the Pen On or Off.
• C/F Key
Press the C/F Key to select the temperature units.
• MAX/MIN Key
Press the MAX/MIN key once to view the highest temperature and relative
humidity readings. An up arrow ▲will appear on the left side of the display to
indicate that the MAX mode is active.
Press the MAX/MIN key a second time to view the lowest temperature and
humidity readings. A down arrow ▼will appear on the left side of the display
to indicate that the unit is in the MIN mode.
Press the MAX/MIN key a third time to exit the MAX/MIN mode and return to
normal operation.
User Guide
Humidity / Temperature Pen – Model 44550
Features
• Measures Relative Humidity from 20 to 90%
• Measures Temperature from 14 to 122oF (-10 to 50o C) with switchable oC/oF
units
• Built-in Resistive sensor for Relative Humidity measurements
• Built-in Thermistor sensor for Temperature measurements
• Max/Min record and recall of high and low temperature and humidity
measurements
• CLEAR function key erases recorded readings
• Digital Display with 1% Relative Humidity and 0.1o Temperature resolution
• Complete with pocket clip and one (1) LR-44 button battery
Instructions
• ON/OFF Key
Press the ON/OFF key to turn the Pen On or Off.
• C/F Key
Press the C/F Key to select the temperature units.
• MAX/MIN Key
Press the MAX/MIN key once to view the highest temperature and relative
humidity readings. An up arrow ▲will appear on the left side of the display to
indicate that the MAX mode is active.
Press the MAX/MIN key a second time to view the lowest temperature and
humidity readings. A down arrow ▼will appear on the left side of the display
to indicate that the unit is in the MIN mode.
Press the MAX/MIN key a third time to exit the MAX/MIN mode and return to
normal operation.
• CLEAR Key
With the down or the up arrow visible on the display (indicating that the Pen is
in the MAX/MIN mode), press the CLEAR key to erase the stored MAX/MIN
temperature and relative humidity readings. When the readings have been
erased the display will indicate all dashes ( - - -- - ). New MAX/MIN readings
will start recording within 3 seconds of the Clear function.-+
Battery Replacement
1. Using a coin or a screwdriver, open the circular battery compartment on the
rear of the pen by turning it in the direction of the OPEN arrow.
2. Replace the LR-44 battery and dispose of the used battery responsibly.
3. Close the battery compartment by turn the compartment cover in the direction
of the CLOSE arrow.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in
parts and workmanship for one year from date of shipment (a six month limited warranty
applies on sensors and cables). If it should become necessary to return the instrument for
service during or beyond the warranty period, contact the Customer Service Department at
(781) 890-7440 ext. 210 for authorization or visit our website at www.extech.com (click on
‘Contact Extech’ and go to ‘Service Department’ to request an RA number). A Return
Authorization (RA) number must be issued before any product is returned to Extech. The
sender is responsible for shipping charges, freight, insurance and proper packaging to prevent
damage in transit. This warranty does not apply to defects resulting from action of the user
such as misuse, improper wiring, operation outside of specification, improper maintenance or
repair, or unauthorized modification. Extech specifically disclaims any implied warranties or
merchantability or fitness for a specific purpose and will not be liable for any direct, indirect,
incidental or consequential damages. Extech's total liability is limited to repair or replacement
of the product. The warranty set forth above is inclusive and no other warranty, whether
written or oral, is expressed or implied.
Copyright © 2002 Extech Instruments Corporation.
All rights reserved including the right of reproduction in whole or in part in any form.
Website: www.extech.com Email: support@extech.com
Rev 1.0 9/02
• CLEAR Key
With the down or the up arrow visible on the display (indicating that the Pen is
in the MAX/MIN mode), press the CLEAR key to erase the stored MAX/MIN
temperature and relative humidity readings. When the readings have been
erased the display will indicate all dashes ( - - - - ). New MAX/MIN readings
will start recording within 3 seconds of the Clear function.-+
Battery Replacement
1. Using a coin or a screwdriver, open the circular battery compartment on the
rear of the pen by turning it in the direction of the OPEN arrow.
2. Replace the LR-44 battery and dispose of the used battery responsibly.
3. Close the battery compartment by turn the compartment cover in the direction
of the CLOSE arrow.
Warranty
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be free of defects in
parts and workmanship for one year from date of shipment (a six month limited warranty
applies on sensors and cables). If it should become necessary to return the instrument for
service during or beyond the warranty period, contact the Customer Service Department at
(781) 890-7440 ext. 210 for authorization or visit our website at www.extech.com (click on
‘Contact Extech’ and go to ‘Service Department’ to request an RA number). A Return
Authorization (RA) number must be issued before any product is returned to Extech. The
sender is responsible for shipping charges, freight, insurance and proper packaging to prevent
damage in transit. This warranty does not apply to defects resulting from action of the user
such as misuse, improper wiring, operation outside of specification, improper maintenance or
repair, or unauthorized modification. Extech specifically disclaims any implied warranties or
merchantability or fitness for a specific purpose and will not be liable for any direct, indirect,
incidental or consequential damages. Extech's total liability is limited to repair or replacement
of the product. The warranty set forth above is inclusive and no other warranty, whether
written or oral, is expressed or implied.
Copyright © 2002 Extech Instruments Corporation.
All rights reserved including the right of reproduction in whole or in part in any form.
Website: www.extech.com Email: support@extech.com
Rev 1.0 9/02


Similar Part No. - 44550

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
4455 MOLEX-4455 Datasheet
69Kb / 2P
KK Mini -2.50mm & 2.54mm Modular Interconnection System
4455-BH11DP909-10 MOLEX3-4455-BH11DP909-10 Datasheet
630Kb / 17P
2.54mm (.100") Pitch KK짰 PC Board Connector, Bottom Entry, End-to-End Stackable, 0.254關m (10關") Tin (Sn), 11 Circuits
logo
Silicon Laboratories
4455-LED-434-PER SILABS-4455-LED-434-PER Datasheet
208Kb / 14P
Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
4455-LED-868-PER SILABS-4455-LED-868-PER Datasheet
208Kb / 14P
Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
4455-LED-915-PER SILABS-4455-LED-915-PER Datasheet
208Kb / 14P
Si4455 EZRADIO짰 TWO-WAY LINK DEMO KIT
More results

Similar Description - 44550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT11 ETC-SHT11 Datasheet
840Kb / 9P
Humidity & Temperature Sensor
SHT1X ETC1-SHT1X Datasheet
530Kb / 9P
Humidity & Temperature Sensor
logo
Humirel
HTM2500 HUMIREL-HTM2500_02 Datasheet
534Kb / 5P
RELATIVE HUMIDITY/ TEMPERATURE MODULE
logo
Extech Instruments Corp...
42270 EXTECH-42270 Datasheet
92Kb / 1P
Temperature & Humidity Datalogger
44533 EXTECH-44533 Datasheet
92Kb / 1P
Humidity / Temperature Clock
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
Humidity and Temperature Sensor
logo
Extech Instruments Corp...
HW-30 EXTECH-HW-30 Datasheet
324Kb / 1P
Humidity/Temperature HeatWatch
445580 EXTECH-445580_15 Datasheet
320Kb / 1P
RH/Temperature Pen
HW30 EXTECH-HW30_15 Datasheet
324Kb / 1P
Humidity/Temperature HeatWatch
logo
List of Unclassifed Man...
DHT11 ETC2-DHT11 Datasheet
971Kb / 8P
Temperature humidity module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com