Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5510 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5510
Description  Low Voltage Differential LVD/SE SCSI 9 Line Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5510 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5510 Datasheet HTML 1Page - Texas Instruments UCC5510 Datasheet HTML 2Page - Texas Instruments UCC5510 Datasheet HTML 3Page - Texas Instruments UCC5510 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UCC5510
SLUS332A - OCTOBER 1999
FEATURES
• Auto Selection Multi-Mode Single
Ended or Low Voltage Differential
Termination
• 3.0V to 5.25V Operation
• Differential Failsafe Bias
• Thermal Packaging for Low Junction
Temperature and Better MTBF
• Master/Slave Inputs
• Supports Active Negation
• 3pF Channel Capacitance
Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
1
REG
DIFFSENS
5L1–
4L1+
32
L9–
31
L9+
125
+50mV TO +62.5mV
SWITCHES UP ARE SINGLE
ENDED SWITCHES DOWN ARE
LOW VOLTAGE DIFFERENTIAL
0.7 > 0.6V
2.2 > 1.9V
SE GND
SWITCH
52
110
52
125 +50mV TO +62.5mV
52
110
52
DEVICE MODE
SELECT LOGIC
21
DIFFB
REF 2.7V
REF 1.25V
19
MSTR/SLV
38
TRMPWR
+VDD
REF 1.3V
1.3V ± –0.1V
20
SOURCE 5 < 15mA
SINK 200
µA MAXIMUM (NOISE LOAD)
8
HS/GND
28
27
26
10
9
18
HS/GND
HS/GND
HS/GND
HS/GND
HS/GND
GND
BLOCK DIAGRAM
UDG-98033
DESCRIPTION
The UCC5510 Multi-Mode Low Voltage Differential and Single Ended
Terminator is specially designed for automatic termination of Single-
Ended or Low Voltage Differential SCSI Bus. The Multi-Mode operation of
this device allows for a transition system design for the next generation
SCSI Parallel Interface (SPI-2). Compliant with SPI-2, with SPI and Fast-
20 the UCC5510 incorporates all the functions necessary to properly ter-
minate the SCSI Bus and has internal thermal shut down and short cir-
cuit limiting.
Circuit Design Patented


Similar Part No. - UCC5510

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
UCC500-30GH70-IE2R2-K-V15 PF-UCC500-30GH70-IE2R2-K-V15 Datasheet
910Kb / 6P
Ultrasonic sensor
UCC500-30GH70-IE2R2-V15 PF-UCC500-30GH70-IE2R2-V15 Datasheet
1Mb / 6P
Ultrasonic sensor
UCC500-30GH70S-IE2R2-V15 PF-UCC500-30GH70S-IE2R2-V15 Datasheet
894Kb / 6P
Ultrasonic sensor
logo
Texas Instruments
UCC5304 TI1-UCC5304 Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
UCC5304 TI1-UCC5304 Datasheet
1Mb / 32P
UCC5304 4-A Source, 6-A Sink Single-Channel Reinforced Isolation Gate Driver With High Noise Immunity
More results

Similar Description - UCC5510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5630 TI-UCC5630 Datasheet
59Kb / 5P
Low Voltage Differential LVD/SE SCSI 9 Line Terminator
UCC5640 TI-UCC5640 Datasheet
171Kb / 10P
Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5641 TI-UCC5641 Datasheet
66Kb / 4P
Low Voltage Differential LVD SCSI 9 Line Terminator
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
Multimode LVD/SE SCSI 9 Line Terminator
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
Multimode LVD/SE SCSI 9 Line Terminator
logo
IMP, Inc
IMP2119 IMP-IMP2119 Datasheet
447Kb / 9P
9-Line ULTRA3 LVD/SE SCSI Terminator
logo
Texas Instruments
UCC5640PW TI-UCC5640PW Datasheet
532Kb / 13P
LOW VOLTAGE DIFFERENTIAL (LVD) SCSI 9-LINE TERMINATOR
UCC5630 TI1-UCC5630_08 Datasheet
65Kb / 5P
Low Voltage Differential (LVD/SE) SCSI 9 Line Terminator
UCC5672 TI1-UCC5672_16 Datasheet
789Kb / 14P
Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5673 TI1-UCC5673_15 Datasheet
73Kb / 8P
Multimode (LVD/SE) SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com