Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5610 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5610
Description  18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5610 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5610 Datasheet HTML 1Page - Texas Instruments UCC5610 Datasheet HTML 2Page - Texas Instruments UCC5610 Datasheet HTML 3Page - Texas Instruments UCC5610 Datasheet HTML 4Page - Texas Instruments UCC5610 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The UCC5610 provides 18 lines of active termination for a SCSI (Small
Computer Systems Interface) parallel bus. The SCSI standard recom-
mends active termination at both ends of the cable.
The UCC5610 is ideal for high performance 3.3V SCSI systems. The key
features contributing to such low operating voltage are the 0.1V drop out
regulator and the 2.75V reference. The reduced reference voltage was
necessary to accommodate the lower termination current dictated in the
SCSI-3 specification. During disconnect the supply current is typically
only 0.5
µA, which makes the IC attractive for battery powered systems.
The UCC5610 is designed with an ultra low channel capacitance of
1.8pF, which eliminates effects on signal integrity from disconnected ter-
minators at interim points on the bus.
The UCC5610 can be programmed for either a 110 ohm or 2.5k ohm ter-
mination. The 110 ohm termination is used for standard SCSI bus lengths
and the 2.5k ohm termination is typically used in short bus applications.
When driving the TTL compatible DISCNCT pin directly, the 110 ohm ter-
mination is connected when the DISCNCT pin is driven low, and discon-
nected when driven high. When the DISCNCT pin is driven through an
impedance between 80k and 150k, the 2.5k ohm termination is con-
nected when the DISCNCT pin is driven low, and disconnected when
driven high.
UCC5610
18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
FEATURES
DESCRIPTION
BLOCK DIAGRAM
Circuit Design Patented
Complies with SCSI, SCSI-2, SCSI-3
and FAST-20 (Ultra) Standards
2.75V to 7V Operation
1.8pF Channel Capacitance during
Disconnect
0.5
µA Supply Current in Disconnect
Mode
110 Ohm/2.5k Programmable
Termination
Completely Meets SCSI Hot Plugging
-650mA Sourcing Current for
Termination
+400mA Sinking Current for Active
Negation Drivers
Trimmed Termination Current to 4%
Trimmed Impedance to 7%
Current Limit and Thermal Shutdown
Protection
continued
2/97
UDG-94128-1


Similar Part No. - UCC5610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5610 TI1-UCC5610 Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610DWP TI1-UCC5610DWP Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610DWPG4 TI1-UCC5610DWPG4 Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610DWPTR TI1-UCC5610DWPTR Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5610DWPTRG4 TI1-UCC5610DWPTRG4 Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results

Similar Description - UCC5610

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5604 TI-UC5604 Datasheet
244Kb / 5P
9-Line Low Capacitance SCSI Active Terminator
UC5608 TI-UC5608 Datasheet
230Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
UC5609 TI-UC5609 Datasheet
233Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
UCC5611 TI-UCC5611 Datasheet
254Kb / 5P
18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
logo
Burr-Brown (TI)
REG5608 BURR-BROWN-REG5608 Datasheet
170Kb / 5P
LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UCC5614DPG4 TI-UCC5614DPG4 Datasheet
332Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com