Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5611 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5611
Description  18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5611 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5611 Datasheet HTML 1Page - Texas Instruments UCC5611 Datasheet HTML 2Page - Texas Instruments UCC5611 Datasheet HTML 3Page - Texas Instruments UCC5611 Datasheet HTML 4Page - Texas Instruments UCC5611 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The UCC5611 provides 18 lines of active termination for a SCSI (Small
Computer Systems Interface) parallel bus. The SCSI standard recom-
mends active termination at both ends of the cable segment.
The UCC5611 is ideal for high performance 3.3V SCSI systems. The key
features contributing to such low operating voltage are the 0.1V drop out
regulator and the 2.75V reference. The reduced reference voltage was
necessary to accommodate the lower termination current dictated in the
SCSI-3 specification. During disconnect the supply current is typically
only 1
µA, which makes the IC attractive for battery powered systems.
The UCC5611 is designed with an ultra low channel capacitance of 1.8pF,
which eliminates effects on signal integrity from disconnected terminators
at interim points on the bus.
The UCC5611 can be programmed for either a 110 ohm or 2.5k ohm ter-
mination. The 110 ohm termination is used for standard SCSI bus lengths
and the 2.5k ohm termination is typically used in short bus applications.
When driving the TTL compatible DISCNCT pin directly, the 110 ohm ter-
mination is connected when the DISCNCT pin is driven high, and discon-
nected when low. When the DISCNCT pin is driven through an
impedance between 80k and 150k, the 2.5k ohm termination is con-
nected when the DISCNCT pin is driven high, and disconnected when
driven low.
UCC5611
18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
FEATURES
DESCRIPTION
BLOCK DIAGRAM
Circuit Design Patented
Complies with SCSI, SCSI-2, SCSI-3
and FAST-20 (Ultra) Standards
2.75V to 7V Operation
1.8pF Channel Capacitance during
Disconnect
1
µA Supply Current in Disconnect
Mode
110 Ohm/2.5k Programmable
Termination
Completely Meets SCSI Hot Plugging
•−650mA Sourcing Current for
Termination
+400mA Sinking Current for Active
Negation Drivers
Trimmed Termination Current to 4%
Trimmed Impedance to 7%
Current Limit and Thermal Shutdown
Protection
continued
3/97
UDG-94131-1


Similar Part No. - UCC5611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5611 TI1-UCC5611 Datasheet
172Kb / 6P
18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5611DWP TI1-UCC5611DWP Datasheet
172Kb / 6P
18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5611DWPG4 TI1-UCC5611DWPG4 Datasheet
172Kb / 6P
18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5611DWPTR TI1-UCC5611DWPTR Datasheet
172Kb / 6P
18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5611DWPTRG4 TI1-UCC5611DWPTRG4 Datasheet
172Kb / 6P
18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
More results

Similar Description - UCC5611

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5606 TI-UCC5606 Datasheet
383Kb / 5P
9-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5610 TI-UCC5610 Datasheet
243Kb / 5P
18-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UCC5614 TI-UCC5614 Datasheet
354Kb / 5P
9-Line 3-5 Volt Low Capacitance SCSI Active Terminator
UCC5617 TI-UCC5617 Datasheet
313Kb / 5P
18-Line SCSI Terminator Reverse Disconnect
logo
Burr-Brown (TI)
REG5601 BURR-BROWN-REG5601 Datasheet
107Kb / 3P
18-LINE SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UCC5606 TI1-UCC5606_15 Datasheet
1Mb / 14P
9-LINE TO 5 VOLT SCSI ACTIVE TERMINATOR, REVERSE DISCONNECT
UCC5610 TI1-UCC5610_14 Datasheet
238Kb / 8P
18-LINE 3-5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5611 TI1-UCC5611_10 Datasheet
172Kb / 6P
18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5614 TI1-UCC5614_14 Datasheet
336Kb / 10P
9-LINE 3 TO 5 VOLT LOW CAPACITANCE SCSI ACTIVE TERMINATOR
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com