Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5617 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC5617
Description  18-Line SCSI Terminator Reverse Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5617 Datasheet(HTML) 1 Page - Texas Instruments

  UCC5617 Datasheet HTML 1Page - Texas Instruments UCC5617 Datasheet HTML 2Page - Texas Instruments UCC5617 Datasheet HTML 3Page - Texas Instruments UCC5617 Datasheet HTML 4Page - Texas Instruments UCC5617 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
18-Line SCSI Terminator (Reverse Disconnect)
UCC5617
FEATURES
Complies with SCSI, SCSI-2,
SCSI-3 and FAST-20 Standards
2pF Channel Capacitance
During Disconnect
•50
µA Supply Current in
Disconnect Mode
110
Ω Termination
SCSI Hot Plugging Compliant,
10nA Typical
+400mA Sinking Current for
Active Negation
−650mA Sourcing Current for
Termination
Trimmed Impedance to 5%
DESCRIPTION
The UCC5617 provides 18 lines of active termination for a SCSI (Small
Computers Systems Interface) parallel bus. The SCSI standard recommends
and Fast-20 (Ultra) requires active termination at both ends of the cable.
Pin for pin compatible with the UC5609, the UCC5617 is ideal for high perfor-
mance 5V SCSI systems, Termpwr 4.0V to 5.25V. During disconnect the sup-
ply current is only 50
µA typical, which makes the IC attractive for lower pow-
ered systems.
The UCC5617 is designed with a low channel capacitance of 2pF, which elim-
inates effects on signal integrity from disconnected terminators at interim
points on the bus.
The power amplifier output stage allows the UCC5617 to source full termina-
tion current and sink active negation current when all termination lines are
actively negated.
The UCC5617, as with all Unitrode terminators, is completely hot pluggable
and appears as high impedance at the ter minating channels with
TRMPWR=0V or open.
Internal circuit trimming is utilized, first to trim the 110
Ω impedance, and then
most importantly, to trim the output current as close to the maximum SCSI-3
specification as possible, which maximizes noise margin in fast SCSI opera-
tion.
Other features include thermal shutdown and current limit.
This device is offered in low thermal resistance versions of the industry stan-
dard 28 pin wide body SOIC, TSSOP and PLCC.
4/97
BLOCK DIAGRAM
UDG-96073
Circuit Design Patented


Similar Part No. - UCC5617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5617 TI1-UCC5617 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
UCC5617DWP TI1-UCC5617DWP Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
UCC5617DWPG4 TI1-UCC5617DWPG4 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
UCC5617DWPTR TI1-UCC5617DWPTR Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
More results

Similar Description - UCC5617

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5611 TI-UCC5611 Datasheet
254Kb / 5P
18-Line 3-5 Volt SCSI Active Terminator, Reverse Disconnect
UCC5619 TI-UCC5619 Datasheet
103Kb / 4P
27-Line SCSI Terminator With Reverse Disconnect
UCC5621 TI-UCC5621 Datasheet
287Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
Multimode SCSI 15 Line Terminator with Reverse Disconnect
UCC5618QPTR TI-UCC5618QPTR Datasheet
760Kb / 9P
18-Line SCSI Terminator
UCC5618DWP TI1-UCC5618DWP Datasheet
748Kb / 9P
18-Line SCSI Terminator
UCC5621MWP TI-UCC5621MWP Datasheet
162Kb / 5P
27 - Line SCSI Terminator With Split Reverse Disconnect
UCC5611 TI1-UCC5611_10 Datasheet
172Kb / 6P
18-LINE 3-5VOLT SCSI ACTIVE TERMINATOR REVERSE DISCONNECT
UCC5617 TI1-UCC5617_15 Datasheet
309Kb / 8P
18-Line SCSI Terminator (Reverse Disconnect)
UCC5619 TI1-UCC5619_09 Datasheet
321Kb / 7P
27-Line SCSI Terminator With Reverse Disconnect
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com