Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5622 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5622
Description  27 - Line SCSI Terminator With Split Disconnect
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5622 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5622 Datasheet HTML 1Page - Texas Instruments UCC5622 Datasheet HTML 2Page - Texas Instruments UCC5622 Datasheet HTML 3Page - Texas Instruments UCC5622 Datasheet HTML 4Page - Texas Instruments UCC5622 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
UCC5622
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA = 0°C to 70°C,
TRMPWR = 4.75V, DISCNCT1 = DSCNCT2 = 0V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Output Section (Termination Lines)
Termination Impedance
(Note 3)
104.5
110
115.5
Ω
Output High Voltage
(Note 1)
2.6
2.8
3.0
V
Max Output Current
VLINE = 0.2V, TJ =25⊃C
-22.1 -23.3
-24
mA
VLINE = 0.2V
-20.7 -23.3
-24
mA
VLINE = 0.2V, TRMPWR = 4V, TJ =25°C (Note 1)
-21
-23
-24
mA
VLINE = 0.2V, TRMPWR = 4V (Note 1)
-20
-23
-24
mA
VLINE = 0.5V
-22.4
mA
Output Leakage
DISCNCT1 = DISCNCT2 = 2.4V, TRMPWR = 0V to
5.25V
10
400
nA
Output Capacitance
DISCNCT1 = DISCNCT2 = 2.4V (Note 2)
2.5
4
pF
Regulator Section
Regulator Output Voltage
2.6
2.8
3.0
V
Drop Out Voltage
All Termination Lines = 0.2V
0.4
0.8
V
Short Circuit Current
VREG =0V
-650
-900 –1300
mA
Sinking Current Capability
VREG = 3.5V
300
500
900
mA
Thermal Shutdown
170
°C
Thermal Shutdown Hysteresis
10
°C
Disconnect Section
Disconnect Threshold DISCNCT1
Controls Lines 10 to 27
0.8
1.5
2.0
V
Input Current DISCNCT1
DISCNCT1 = 0V
–10
–30
µA
Disconnect Threshold DISCNCT2
Controls Lines 1 to 9
0.8
1.5
2
V
Input Current DISCNCT2
DISCNCT2 = 0V
–10
–30
µA
Note 1:Measuring each termination line while other 26 are low (0.2V).
Note 2:Guaranteed by design. Not 100% tested in production.
Note 3: Tested by measuring IOUT with VOUT = 0.2V and VOUT with no load, then calculate:
Z VN L
V
Iat
V
OUT
OUT
=
−
..
.
.
02
20
PIN DESCRIPTIONS
DISCNCT1: Disconnect one controls termination lines
10 – 27. Taking this pin high or leaving it open causes
termination lines 10 - 27 to become high impedence, tak-
ing this pin low allows the channels to provide normal ter-
mination.
DISCNCT2: Disconnect two controls termination lines
1 – 9. Taking this pin high or leaving it open causes
termination lines1-9to become high impedence. Taking
this pin low allows the channels to provide normal
terminiation. Taking both disconnect pins high or leaving
them open will put the chip in to sleep mode where it will
be in low-power mode.
GND: Ground reference for the IC.
L1 – L27: 110
Ω termination channels.
REG: Output of the internal 2.7V regulator.
TRMPWR: Power for the IC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com