Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5630 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC5630
Description  Low Voltage Differential LVD/SE SCSI 9 Line Terminator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630 Datasheet(HTML) 2 Page - Texas Instruments

  UCC5630 Datasheet HTML 1Page - Texas Instruments UCC5630 Datasheet HTML 2Page - Texas Instruments UCC5630 Datasheet HTML 3Page - Texas Instruments UCC5630 Datasheet HTML 4Page - Texas Instruments UCC5630 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
UCC5630
L3+
HS/GND
L9–
L9+
L8–
TRMPWR
N/C
N/C
HS/GND
L2–
HS/GND
L1+
L1–
L2+
REG
HS/GND
L3–
L8+
HS/GND
HS/GND
L4+
L4–
14
13
12
11
10
9
8
7
6
5
4
3
2
1
23
24
25
26
27
28
29
30
31
32
33
34
35
36
18
17
16
15
DIFF B
MSTR/SLV
DIFSENS
19
20
21
22
L5+
L5–
DISCNCT
GND
L7–
L7+
L6–
L6+
HIPD
LVD
SE
CONNECTION DIAGRAM
SSOP-36 (Top View)
MWP Package
ABSOLUTE MAXIMUM RATINGS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
Signal Line Voltage . . . . . . . . . . . . . . . . . . . . . 0V to TRMPWR
Package Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . 2W
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10sec.) . . . . . . . . . . . . . +300°C
All voltages are with respect to PIN1. Currents are positive into,
negative out of the specified terminal. Consult Packaging Sec-
tion of the Databook for thermal limitations and considerations
of packages.
12
11
10
9
13
8
7
6
5
4
3
2
1
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
48
47
46
45
44
43
42
41
40
39
38
37
MSTR/SLV
DIFSENS
DIFFB
N/C
HS GND
HS GND
L7–
L7+
L6–
L6+
HS/GND
HS/GND
HS/GND
L5+
L5–
DISCNCT
GND
HS/GND
HS/GND
L4+
L4–
L3+
L3–
NC
L2+
L2–
L1+
L1–
HS/GND
HS/GND
NC
REG
NC
NC
HS/GND
HS/GND
HS/GND
L9–
L9+
L8–
L8+
HS/GND
HS/GND
LVD
SE
TERMPWR
HIPD
NC
LQFP-48 (Top View)
FQP Package
RECOMMENDED OPERATING CONDITIONS
TRMPWR Voltage . . . . . . . . . . . . . . . . . . . . . . . 2.7V TO 5.25V
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = 0°C to 70°C, TRMPWR = 3.3V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
TRMPWR Supply Current Section
TRMPWR Supply Current
20
mA
Disable Terminator, in DISCNCT mode.
35
µA
Regulator Section
1.25V Regulator
LVD Mode
1.15
1.25
1.35
V
1.25V Regulator Source Current
LVD Mode, Differential Sense Floating
–80
–100
mA
1.25V Regulator Sink Current
LVD Mode, Differential Sense Floating
80
100
mA
1.3V Regulator
DIFSENS
1.2
1.3
1.4
V
1.3V Regulator Source Current
DIFSENS
–5
–15
mA
1.3V Regulator Sink Current
DIFSENS
50
200
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com