Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5630AFQP Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5630AFQP
Description  Multimode SCSI 9 Line Terminator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5630AFQP Datasheet(HTML) 4 Page - Texas Instruments

  UCC5630AFQP Datasheet HTML 1Page - Texas Instruments UCC5630AFQP Datasheet HTML 2Page - Texas Instruments UCC5630AFQP Datasheet HTML 3Page - Texas Instruments UCC5630AFQP Datasheet HTML 4Page - Texas Instruments UCC5630AFQP Datasheet HTML 5Page - Texas Instruments UCC5630AFQP Datasheet HTML 6Page - Texas Instruments UCC5630AFQP Datasheet HTML 7Page - Texas Instruments UCC5630AFQP Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
UCC5630A
PIN DESCRIPTIONS
DIFFB:
Input pin for the comparators that select SE,
LVD, or HIPD modes of operation. This pin should be de-
coupled with a 4.7 F capacitor to ground and then cou-
pled to the DIFSENS pin through a 50k
resistor.
DIFSENS: Connects to the Diff Sense line of the SCSI
bus. The bus mode is controlled by the voltage level on
this pin.
DISCNCT: Input pin used to shut down the terminator if
the terminator is not connected at the end of the bus.
Connect this pin to ground to activate the terminator or
open pin to disable the terminator.
HIPD: TTL compatible status bit. This output pin is high
when a high voltage differential device is detected on the
bus.
HS/GND: Heat sink ground pins. These should be con-
nected to large area PC board traces to increase the
power dissipation capability.
GND: Power Supply return.
L1– thru L9–: Termination lines. These are the active
lines in SE mode and are the negative lines for LVD
mode. In HIPD mode, these lines are high impedance.
L1+ thru L9+: Termination lines. These lines switch to
ground in SE mode and are the positive lines for LVD
mode. In HIPD mode, these lines are high impedance.
MSTR/SLV: If the terminator is enabled, this input pin en-
ables / disables the DIFSENS driver, when connected to
TRMPWR or ground respectively. When the terminator is
disabled, the DIFSENS driver is off, independent of this
input.
LVD: TTL compatible status bit. This output pin is high
when the SCSI bus is in LVD mode.
REG:
Regulator output bypass pin. This pin must be
connected to a 4.7 F capacitor to ground.
SE: TTL compatible status bit. This output pin is high
when the SCSI bus is in SE mode.
TRMPWR: 2.7V to 5.25V power input pin, bypass near
the terminators with a 4.7 F capacitor to ground.
ELECTRICAL CHARACTERISTICS Unless otherwise stated, these specifications apply for TA =TJ = 0°C to 70°C,
TRMPWR = 2.7V to 5.25V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Master/Slave (MSTR/SLV) Input Section
MSTR/SLV Threshold
VTRMPWR = 2.7V
0.8
1.9
V
VTRMPWR = 3.3V
1
2.4
V
VTRMPWR = 5.25V
1.5
3.7
V
MSTR/SLV Input Current
–1
1
A
Status Bits (SE, LVD, HIPD) Output Section
ISOURCE
VLOAD = 2.4V
–8.7
–4
mA
ISINK
VLOAD = 0.5V
3
6
mA
VLOAD = 0.4V
2
5
mA
Note 1: VCM is applied to all L+ and L– lines simultaneously.
Note 2: VL– is applied to all L– lines simultaneously.
Note 3:
()
() (
)
Z
VV
II
CM
at V
V
at V
V
CM
CM
=
−
−
==
20
0 5
20 5
..
.
;
Note 4: Ensured by design. Not 100% tested in production.
Note 5:
()
()
()
Z
VV
I
LX
LX
=
−02
.
; where
VL(X)= Output voltage for each terminator minus output pin (L1– through L9–) with each pin unloaded.
IL(X )= Output current for each terminator minus output pin (L1– through L9–) with the minus output pin forced to 0.2V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com