Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5641 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC5641
Description  Low Voltage Differential LVD SCSI 9 Line Terminator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC5641 Datasheet(HTML) 3 Page - Texas Instruments

  UCC5641 Datasheet HTML 1Page - Texas Instruments UCC5641 Datasheet HTML 2Page - Texas Instruments UCC5641 Datasheet HTML 3Page - Texas Instruments UCC5641 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
UCC5641
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, specifications apply for TA = 0°C to 70°C,
TRMPWR = 3.3V. TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Regulator Section
1.25V Regulator
DIFSENS connected to DIFFB
1.15
1.25
1.35
V
1.25V Regulator Source Current
DIFSENS connected to DIFFB
–100
–80
mA
1.25V Regulator Sink Current
DIFSENS connected to DIFFB
80
100
mA
1.3V Regulator
DIFFB connected to GND
1.2
1.3
1.4
V
1.3V Regulator Source Current
DIFSENS to GND
–15
–5
mA
1.3V Sink Current
DIFSENS to 3.3V
50
200
µA
Differential Termination Section
Differential Impedance
–2.5mA to 4.5mA
100
105
110
Ω
Common Mode Impedance
L+ connected to L–
110
150
165
Ω
Differential Bias Voltage
No load, L+ or L–
100
125
mV
Common Mode Bias
1.15
1.25
1.35
V
Output Leakage, Disconnect
DISCNCT, TRMPWR = 0 to 5.25V,
VLINE = 0.2 to 5.25V
10
400
nA
Output Capacitance
Single ended measurement to ground (Note 1)
3
pF
Low Voltage Differential (LVD) Status Bit Section
ISOURCE
VLOAD = 2.4V
–6
–4
mA
ISINK
VLOAD = 0.4V
2
5
mA
Disconnect & Differential Sense Input Section
DISCNCT Threshold
0.8
2
V
Input Current
At 0V and 3.3V
–30
–10
µA
Differential Sense SE to LVD Threshold
0.5
0.7
V
Differential Sense LVD to HPD Threshold
1.9
2.4
V
Note 1: Guaranteed by design. Not 100% tested in production.
PIN DESCRIPTION
DIFFB: Differential sense filter pin should be connected
to a 0.1
µF capacitor and 20k resistor to Diff Sense.
DIFSENS: The SCSI bus differential sense line to detect
what type of devices are connected to the SCSI Bus.
DISCNCT: Disconnect pin shuts down the terminator
when it is not at the end of the bus.
GND: Ground.
L
n –: Negative line in differential applications for the
SCSI Bus.
L
n +: Positive line for differential applications for the
SCSI Bus.
LVD: (28 pin package only) Indicates that the bus is in
LVD mode.
REG: Regulator bypass; must be connected to a 4.7 F
capacitor to ground.
TRMPWR: VIN 2.7V to 5.25V supply.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com