Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

57LE Datasheet(PDF) 3 Page - DDK Ltd.

Part # 57LE
Description  Right Angle Solder Dip Connectors EMI/RFI Shielding Version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57LE Datasheet(HTML) 3 Page - DDK Ltd.

  57LE Datasheet HTML 1Page - DDK Ltd. 57LE Datasheet HTML 2Page - DDK Ltd. 57LE Datasheet HTML 3Page - DDK Ltd. 57LE Datasheet HTML 4Page - DDK Ltd. 57LE Datasheet HTML 5Page - DDK Ltd. 57LE Datasheet HTML 6Page - DDK Ltd. 57LE Datasheet HTML 7Page - DDK Ltd. 57LE Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
●
  ●
57LE Series
Unit : mm
57LE-2036 0-□7□0D35G -CA
NO.OF.CONTACTS 14, 24, 36, 50
DEVIATION
With Grounding Tab and Jack socket
EXISTENCE OF COVER
O : Without cover (Standard)
C : Cover appendix
CONTACT PLATENG
6 : Mating area : Gold (0.8μm) over Nickel Plating
Tail area : Sn-Ag over Nickel Plating
7 : Mating area : Gold (0.4μm) over Nickel Plating
Tail area : Sn-Ag over Nickel Plating
2-M3.5 × 0.6 Thread
Standard Mounting Condition
57D-119-1-CF
Jack Socket
2-M3× 0.5 Thread
57L-009A Groumding tab
2-M3 × 0.5 Thread Hole
Mounting Condition
Connector Rear
2-φ3.2
Hole
± 0.1
2.159± 0.08
C± 0.08
11.52
B± 0.1
φ0.8
Hole
-0
+0.1
No. of
Contacts
B
F
14
36.00
29.3
24
46.78
40.1
36
59.74
53.0
50
74.85
68.2
No. of
Contacts
B
C
14
36.00
12.954
24
46.78
23.749
36
59.74
36.703
50
74.85
51.816
Thickness=1.6mm max.
■ Panel Mounting Dimensions
■P.C.B. Mounting Dimensions
(PCB thickness :1.6mm)
● Connector Rear mount Type
The Dimension is 16.2
Max. When Mating with 57FE-10
Type Connector
2-φ4.8± 0.1
4-R5.0 max.
F -0
+0.2
B± 0.1
15°
± 1
+0.2
-0
3
S
57LE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com