Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR200 Datasheet(PDF) 4 Page - Extech Instruments Corporation.

Part # IR200
Description  Non-contact Forehead IR Thermometer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

IR200 Datasheet(HTML) 4 Page - Extech Instruments Corporation.

  IR200 Datasheet HTML 1Page - Extech Instruments Corporation. IR200 Datasheet HTML 2Page - Extech Instruments Corporation. IR200 Datasheet HTML 3Page - Extech Instruments Corporation. IR200 Datasheet HTML 4Page - Extech Instruments Corporation. IR200 Datasheet HTML 5Page - Extech Instruments Corporation. IR200 Datasheet HTML 6Page - Extech Instruments Corporation. IR200 Datasheet HTML 7Page - Extech Instruments Corporation. IR200 Datasheet HTML 8Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IR200 V1.0 5/09
4
Operating Instructions
Body Temperature Measurements
1.
Set the Body-Surface- switch for “Body” for accurate measurements in the range of
.86.0 to 109
°F (30 to 43°C).
2.
Hold the meter by its handle and point it toward the surface to be measured.
Measurement distance should be 2 to 6” (5 to 15cm).
3.
Press the trigger to turn the meter on and take a temperature reading. The
temperature reading appears in the large display and the logged data number and
value appear in the smaller display.
4.
Release the Trigger and the reading will hold for approximately 7 seconds after which
the meter will automatically shut off. Trigger presses can occur up to a rate of one a
second to quickly log samples.
5.
If the temperature goes above 109°F or 43°C, Hi will appear in the display.
If the temperature goes below 86°F or 30°C, Lo will appear in the display.
Body Temperature Mode settings
1.
With the meter OFF, press the MODE button once to set the C/F temperature units.
The temperature units will flash. Press the ▲ or ▼ buttons to change the units.
2.
Press the MODE button a second time to set the alarm temperature limit. Press the ▲
or ▼ buttons to change the value.
3.
Press the MODE button a third time to enter the long term calibration drift correction
mode. On entering the mode, the previous temperature correction factor will appear
on the display. To make a correction, measure a known, fixed temperature source.
Enter the correction mode and press the ▲ or ▼ buttons to change the correction
value and minimize the difference in readings. Repeat and adjust the correction value
as needed until the measurement on the IR200 matches the known temperature.
4.
Press the MODE button a fourth time to set the alarm buzzer status. Press the ▲ or
▼ buttons to switch from ON to OFF.
Surface Temperature Measurements
1.
Set the Body-Surface- switch for “Surface” for wide range surface measurements of
most materials.
2.
Hold the meter by its handle and point it toward the surface to be measured.
3.
Press the trigger to turn the meter on and take a temperature reading. The
temperature reading appears in the large display and the logged data number and
value appear in the smaller display.
4.
Release the Trigger and the reading will hold for approximately 7 seconds after which
the meter will automatically shut off. Trigger presses can occur up to a rate of one a
second to quickly log samples.
5.
If the temperature goes above 140°F or 60°C, “Hi” will appear in the display.
If the temperature goes below 32°F or 0°C, “Lo” will appear in the display.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com