Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML720 Datasheet(PDF) 17 Page - Extech Instruments Corporation.

Part # ML720
Description  MultiLog Digital MultiMeter With built-in Datalogger
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

ML720 Datasheet(HTML) 17 Page - Extech Instruments Corporation.

Back Button ML720 Datasheet HTML 11Page - Extech Instruments Corporation. ML720 Datasheet HTML 12Page - Extech Instruments Corporation. ML720 Datasheet HTML 13Page - Extech Instruments Corporation. ML720 Datasheet HTML 14Page - Extech Instruments Corporation. ML720 Datasheet HTML 15Page - Extech Instruments Corporation. ML720 Datasheet HTML 16Page - Extech Instruments Corporation. ML720 Datasheet HTML 17Page - Extech Instruments Corporation. ML720 Datasheet HTML 18Page - Extech Instruments Corporation. ML720 Datasheet HTML 19Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
16
Datalogging Sampling Rate
Press the TIMER key momentarily to display the datalogger’s sampling
rate (recording interval). The factory default interval is 0.05 seconds,
meaning that a reading will be logged every 5 hundredths of a second.
Press the UP or DOWN arrow key momentarily to select an alternate
sampling interval. Choose from 0.05 up to 480 seconds. Note that the
fastest sampling interval for Temperature and Resistance readings is 0.2
seconds; For Frequency it is 0.4 seconds; and for Capacitance it is 1
second. Press the TIMER key again to confirm the new setting.
The Sampling Rate cannot be changed while the meter is datalogging.
When a Sampling Rate of 20 seconds or longer is selected, the meter
enters a standby state between readings (to conserve battery life). While
in stand-by, the bargraph will continue to operate. To wake-up meter
from a stand-by state in order to view a real-time measurement, press
the SELECT key momentarily.
RS232C PC computer interface capabilities
This device is equipped with an optical isolated interface port located on
the rear of the meter. The data acquisition package includes an interface
cable and Windows
TM data acquisition software. The software provides
in the format of a digital meter, a analog meter, a comparator meter, and
a graphical display. Refer to the README file on the software disk for
further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com