Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM560 Datasheet(PDF) 2 Page - Extech Instruments Corporation.

Part # MM560
Description  MultiMaster Digital MultiMeter Series With PC Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

MM560 Datasheet(HTML) 2 Page - Extech Instruments Corporation.

  MM560 Datasheet HTML 1Page - Extech Instruments Corporation. MM560 Datasheet HTML 2Page - Extech Instruments Corporation. MM560 Datasheet HTML 3Page - Extech Instruments Corporation. MM560 Datasheet HTML 4Page - Extech Instruments Corporation. MM560 Datasheet HTML 5Page - Extech Instruments Corporation. MM560 Datasheet HTML 6Page - Extech Instruments Corporation. MM560 Datasheet HTML 7Page - Extech Instruments Corporation. MM560 Datasheet HTML 8Page - Extech Instruments Corporation. MM560 Datasheet HTML 9Page - Extech Instruments Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
1
WARRANTY
EXTECH INSTRUMENTS CORPORATION warrants this instrument to be
free of defects in parts and workmanship for three years from date of
shipment (a six month limited warranty applies on sensors and cables). If
it should become necessary to return the instrument for service during or
beyond the warranty period, contact the Customer Service Department at
(781) 890-7440 ext. 210 for authorization. A Return Authorization (RA)
number must be issued before any product is returned to Extech.
The sender is responsible for shipping charges, freight, insurance and
proper packaging to prevent damage in transit. This warranty does not
apply to defects resulting from action of the user such as misuse,
improper wiring, operation outside of specification, improper maintenance
or repair, or unauthorized modification. Extech specifically disclaims any
implied warranties or merchantability or fitness for a specific purpose and
will not be liable for any direct, indirect, incidental or consequential
damages. Extech's total liability is limited to repair or replacement of the
product. The warranty set forth above is inclusive and no other warranty,
whether written or oral, is expressed or implied.
Copyright © 2002 Extech Instruments Corporation. All rights reserved
including the right of reproduction in whole or in part in any form.
MM Series V2.2 9/03
P/N: 7M1C-0271-A000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com