Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE01 Datasheet(PDF) 8 Page - DDK Ltd.

Part # CE01
Description  Waterproof Connectors with Crimp Contacts Comptatible with JIS-B-6015
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CE01 Datasheet(HTML) 8 Page - DDK Ltd.

Back Button CE01 Datasheet HTML 2Page - DDK Ltd. CE01 Datasheet HTML 3Page - DDK Ltd. CE01 Datasheet HTML 4Page - DDK Ltd. CE01 Datasheet HTML 5Page - DDK Ltd. CE01 Datasheet HTML 6Page - DDK Ltd. CE01 Datasheet HTML 7Page - DDK Ltd. CE01 Datasheet HTML 8Page - DDK Ltd. CE01 Datasheet HTML 9Page - DDK Ltd. CE01 Datasheet HTML 10Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Unit:mm
http://www.ddknet.co.jp
CE01 Series
8
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
○Waterproof Rubber Bushing
AN3420- □□
①
Part Number
φA
φB
φC
D 0.7
E
AN3420-10
14.3
15.6
23.7
60.3
2.3
AN3420-12
15.9
18.8
28.2
57.2
2.3
AN3420-16
19.1
23.6
35.0
54.0
2.9
① Cable Clamp Size
10, 12 and 16
○Rubber Bushing
D
E
A
① Cable Clamp Size
10, 12 and 16
② Bushing Size
Refer to Table 1.
Purchase a friction washer separately.
CE3420- □□ - □
①②
D
Part Number
φ A
φ B
φ C
D
Friction Washer
CE3420-10-1
14.1
15.5
22.2
38.5
MS3057-10W
CE3420-10-2
11.0
15.5
22.2
38.5
CE3420-10-3
8.7
15.5
22.2
38.5
CE3420-12-1
16.0
18.6
26.9
39.3
MS3057-12W
CE3420-12-2
13.0
18.6
26.9
39.3
CE3420-12-3
10.0
18.6
26.9
39.3
CE3420-16-1
19.1
23.4
33.2
40.0
MS3057-16W
CE3420-16-2
15.5
23.4
33.2
40.0
Synthetic Rubber(Black)
MATERIAL
Synthetic Rubber(Black)
MATERIAL
Table 1
CE3420- □□ - □ is a rubber bushing which is inserted
into the cable clamp, CE3057- □□ -A- □ ,to constrict
the cable to meet the waterproof reguirement.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com