Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT30 Datasheet(PDF) 3 Page - Extech Instruments Corporation.

Part # RT30
Description  Wireless AC Circuit Identifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXTECH [Extech Instruments Corporation.]
Direct Link  http://www.extech.com
Logo EXTECH - Extech Instruments Corporation.

RT30 Datasheet(HTML) 3 Page - Extech Instruments Corporation.

  RT30 Datasheet HTML 1Page - Extech Instruments Corporation. RT30 Datasheet HTML 2Page - Extech Instruments Corporation. RT30 Datasheet HTML 3Page - Extech Instruments Corporation. RT30 Datasheet HTML 4Page - Extech Instruments Corporation. RT30 Datasheet HTML 5Page - Extech Instruments Corporation. RT30 Datasheet HTML 6Page - Extech Instruments Corporation. RT30 Datasheet HTML 7Page - Extech Instruments Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RT30 V2.0 11/08
3
Operation
Detecting Live Circuits (VOLTAGE method)
The RT30 can be directly clamped on installed building wiring
and will detect the voltage applied to the wiring.
1.
Slide the transmitter power switch to the VOLTAGE
position. The POWER LED will switch on.
2.
Slide the Receiver power switch to the ON position. The
POWER LED and the SIGNAL OK LED will switch ON.
3.
Place the Romex
TM/nm cable (AC wire) directly into the
wire clamp slot or, alternatively, connect the external
voltage detector probe into the external probe socket and
then clamp the probe to any cable, extension cord or
appliance cord.
4.
If the cable is “live” (voltage present), the
VOLTAGE/LIGHT amber LED on the
transmitter will switch on and the
DETECT LED on the receiver will switch
on.
5.
If desired, switch the receiver power
switch to the audio OFF position
to
disable the audible tone.
6.
When the voltage is removed (by opening the splice or the circuit breaker,
for example), the Detect LEDs will switch OFF and the detect beeper will
switch OFF.
Note: Use of the External Probe overrides the setting of the Power/Mode
Switch. The Lighting method cannot be used while the External Probe is
attached.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com