Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10X4DHCB Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 10X4DHCB
Description  HIGH POWER LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

10X4DHCB Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  10X4DHCB Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hig h LEDs
1
2
PACKAGE DIMENSI ONS( UIT£
ºmm)
R4.975
¦Õ 9.95
0.75
5.08
2
1
1.Ano d e
2.Ca thod e
¦Õ10.10
¦Õ10.10
100 90 80 70 60 50 40 30 20 10
0 10 20 30 40 50 60 70 80 90 100
- 4
0
0
- 3
0
0
- 20
0
- 10
0
0
0
100
200
30 0
40
0
I(m
A)
F
V(V)
F
-8 -6 - 4
- 2 0
2
4
6
8
10
5
10
15
20
25
30
35
40
45
50
55
60
70
90
100
Electro-Optical Characteristics (Ta=25
0C)
Wavelength
Electro-Optical Characteristics
λp
VF
IF
Iv (mcd)
Items
Epoxy
Package
Lead
frame
Emitting
Color
(nm)
(V)
(mA)
50
0
80
0
180
0
10W4DHCB-H
W/o flange
Copper
White
——
<4.0
80
15000
13000
12000
10B4DHCB-H
W/o flange
Copper
Blue
465-470
<4.0
80
10000
8000
7000
10G4DHCB-H
W/o flange
Copper
Green
520-540
<3.8
80
18000
15000
13000
10R4DHCB-H
W/o flange
Copper
Red
620-630
<2.2
80
8000
7000
6000
10Y4DHCB-H
W/o flange
Copper
Yellow
580-590
<2.2
80
9000
7500
6500
Absolute maximum ratings (Ta=25
0C)
Parameter
Symbol
Testing Conditions
Min
Typ
Max
Unit
Power Dissipation
PD
—
—
—
100
mW
Reverse Current
VR
IR ≤30µA
—
—
6.0
V
Working Temperature
TOPR
—
—
—
+70
0C
Soldering Temperature
TSTG
—
—40
—
100
0C
Soldering Temperature
TSLD
260
0C (5 s)
ROITHNER LASERTECHNIK
A-1040 Vienna, Austria
Schoenbrunner Strasse 7
Tel.: +43-1-586 52 43 - 0
Fax.: +43-1-586 52 43 44
office@roithner-laser.com
www.roithner-laser.com
SERIES 10X4DHCB HIGH POWER LED


Similar Part No. - 10X4DHCB

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
10X4 BELDEN-10X4 Datasheet
156Kb / 2P
MachFlex™ 350YY, 10C 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10X4-010100M BELDEN-10X4-010100M Datasheet
156Kb / 2P
MachFlex™ 350YY, 10C 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10X4-010200M BELDEN-10X4-010200M Datasheet
156Kb / 2P
MachFlex™ 350YY, 10C 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10X4-010300M BELDEN-10X4-010300M Datasheet
156Kb / 2P
MachFlex™ 350YY, 10C 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
10X4-G8U100M BELDEN-10X4-G8U100M Datasheet
156Kb / 2P
MachFlex™ 350YY, 10C 4 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results

Similar Description - 10X4DHCB

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYB-E27W3W3B FORYARD-FYB-E27W3W3B Datasheet
753Kb / 4P
High Power LED
FYG50-5052UW-3W FORYARD-FYG50-5052UW-3W Datasheet
599Kb / 4P
High Power LED
FYLP-5052PGC-1W FORYARD-FYLP-5052PGC-1W Datasheet
518Kb / 8P
High-Power LED
FYLP-5052UBC-1W FORYARD-FYLP-5052UBC-1W Datasheet
516Kb / 8P
High-Power LED
logo
Roithner LaserTechnik G...
ELJ-810-629 ROITHNER-ELJ-810-629 Datasheet
262Kb / 4P
High Power LED
RLT-WNP1000-02 ROITHNER-RLT-WNP1000-02 Datasheet
227Kb / 4P
High Power LED
SMB1W-770R ROITHNER-SMB1W-770R Datasheet
372Kb / 5P
High Power LED
logo
Lite-On Technology Corp...
LTPL-C034UVH365 LITEON-LTPL-C034UVH365 Datasheet
611Kb / 17P
LED HIGH POWER
logo
Everlight Electronics C...
EAHP2835GA0 EVERLIGHT-EAHP2835GA0 Datasheet
411Kb / 10P
High Power LED
logo
Lite-On Technology Corp...
LTPL-U034UVH385 LITEON-LTPL-U034UVH385 Datasheet
721Kb / 19P
LED HIGH POWER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com