Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

383UGC Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # 383UGC
Description  GREEN GaP LED
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

383UGC Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  383UGC Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 WIEN, FLEISCHMANNGASSE 9
TEL: +43 -1- 586 52 43 FAX: +43 -1- 586 41 43
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
383UGC
TECHNICAL DATA
GREEN GaP LED
GREEN GaP LED
Technology: GaP structure
Peak Wavelength: 570 nm typ.
Luminous Intensity: 620 mcd typ.
Package: 5 mm clear plastic
Absolute Maximum Ratings (Tc=25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
5
V
Reverse Current
IR
10
µA
Soldering Temperature
TS
260
°C for 5 s
Operating Temperature
TOP
-40 .. +85
°C
Storage Temperature
TSTG
-40 .. +100
°C
Optical-Electrical Characteristics (Tc = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Luminous Intensity
LI (570 nm)
IF = 20 mA
415
620
mcd
Forward Voltage
VF
IF = 20 mA
1.5
1.7
2.8
V
Forward Current
IF
cw
20
30
mA
Peak Forward Current
IP
Dutycycle 0.1 @ 1 kHz
160
mA
Power Dissipation
PD
100
mW
Peak Wavelength
λ
P
IF = 20 mA
570
nm
Spectrum Half Width
∆λ
IF = 20 mA
30
nm
Viewing Angle
2
θ ½
IF = 20 mA
12
°


Similar Part No. - 383UGC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
383UGC ETC2-383UGC Datasheet
22Kb / 1P
GREEN GaP LED
More results

Similar Description - 383UGC

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B21V1F BRIGHT-BL-B21V1F Datasheet
137Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-B21V1H-L BRIGHT-BL-B21V1H-L Datasheet
127Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-B21V1J BRIGHT-BL-B21V1J Datasheet
144Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-B24V1G BRIGHT-BL-B24V1G Datasheet
133Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-B24V1J BRIGHT-BL-B24V1J Datasheet
140Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-B24V1T BRIGHT-BL-B24V1T Datasheet
129Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-B2130A BRIGHT-BL-B2130A Datasheet
113Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-B2133 BRIGHT-BL-B2133 Datasheet
131Kb / 2P
LED GaP/GaP Green Low current requirement.
BL-C2435 BRIGHT-BL-C2435 Datasheet
139Kb / 2P
LED GaP/GaP Green Low power consumption.
logo
List of Unclassifed Man...
383UGC ETC2-383UGC Datasheet
22Kb / 1P
GREEN GaP LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com