Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULN2003APWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ULN2003APWR
Description  HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ULN2003APWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ULN2003APWR Datasheet HTML 2Page - Texas Instruments ULN2003APWR Datasheet HTML 3Page - Texas Instruments ULN2003APWR Datasheet HTML 4Page - Texas Instruments ULN2003APWR Datasheet HTML 5Page - Texas Instruments ULN2003APWR Datasheet HTML 6Page - Texas Instruments ULN2003APWR Datasheet HTML 7Page - Texas Instruments ULN2003APWR Datasheet HTML 8Page - Texas Instruments ULN2003APWR Datasheet HTML 9Page - Texas Instruments ULN2003APWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
The ULN2001A is obsolete
and is no longer supplied.
ULN2001A, ULN2002A, ULN2003A, ULN2004A, ULQ2003A, ULQ2004A
HIGHVOLTAGE HIGHCURRENT
DARLINGTON TRANSISTOR ARRAY
SLRS027G − DECEMBER 1976 − REVISED JUNE 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST
TEST CONDITIONS
ULQ2003A
ULQ2004A
UNIT
PARAMETER
TEST
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IC = 125 mA
5
IC = 200 mA
2.7
6
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 250 mA
2.9
V
VI(on)
On-state input voltage
6
VCE = 2 V
IC = 275 mA
7
V
IC = 300 mA
3
IC = 350 mA
8
Collector-emitter
II = 250 µA,
IC = 100 mA
0.9
1.2
0.9
1.1
VCE(sat)
Collector-emitter
saturation voltage
5
II = 350 µA,
IC = 200 mA
1
1.4
1
1.3
V
VCE(sat)
saturation voltage
5
II = 500 µA,
IC = 350 mA
1.2
1.7
1.2
1.6
V
1
VCE = 50 V,
II = 0
100
50
ICEX
Collector cutoff current
2
VCE = 50 V
II = 0
100
µA
ICEX
Collector cutoff current
2
VCE = 50 V
VI = 1 V
500
µA
VF
Clamp forward voltage
8
IF = 350 mA
1.7
2.3
1.7
2
V
II(off)
Off-state input current
3
VCE = 50 V,
IC = 500 A
65
50
65
A
II(off)
Off-state input current
3
VCE = 50 V,
IC = 500 µA
65
50
65
µA
VI = 3.85 V
0.93
1.35
II
Input current
4
VI = 5 V
0.35
0.5
mA
II
Input current
4
VI = 12 V
1
1.45
mA
IR
Clamp reverse current
7
VR = 50 V,
TA = 25°C
100
50
A
IR
Clamp reverse current
7
VR = 50 V
100
100
µA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
15
25
pF
switching characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
ULN2001A, ULN2002A,
ULN2003A, ULN2004A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 9
0.25
1
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
0.25
1
µs
VOH
High-level output voltage after switching
VS = 50 V,
See Figure 10
IO ≈ 300 mA,
VS−20
mV
switching characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
ULQ2003A, ULQ2004A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
See Figure 9
1
10
µs
tPHL
Propagation delay time, high- to low-level output
See Figure 9
1
10
µs
VOH
High-level output voltage after switching
VS = 50 V,
See Figure 10
IO ≈ 300 mA,
VS−500
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com