Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT43F60L Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT43F60L
Description  N-Channel FREDFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT43F60L Datasheet(HTML) 3 Page - Microsemi Corporation

  APT43F60L Datasheet HTML 1Page - Microsemi Corporation APT43F60L Datasheet HTML 2Page - Microsemi Corporation APT43F60L Datasheet HTML 3Page - Microsemi Corporation APT43F60L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V
GS
= 7&8V
4.5V
V
GS
= 10V
5.5V
6V
5V
T
J
= 125°C
T
J
= 25°C
T
J
= -55°C
T
J
= 125°C
T
J
= 150°C
NORMALIZED TO
V
GS
= 10V @ 21A
C
oss
C
iss
I
D
= 21A
V
DS =
480V
V
DS =
120V
V
DS =
300V
T
J
= 125°C
T
J
= 25°C
T
J
= -55°C
T
J
= 150°C
T
J
= 25°C
C
rss
T
J
= 125°C
T
J
= 25°C
T
J
= -55°C
V
DS
> I
D(ON)
x R
DS(ON)
MAX.
250µSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
V
DS(ON)
, DRAIN-TO-SOURCE VOLTAGE (V)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 1, Output Characteristics
Figure 2, Output Characteristics
T
J
, JUNCTION TEMPERATURE (°C)
V
GS
, GATE-TO-SOURCE VOLTAGE (V)
Figure 3, R
DS(ON)
vs Junction Temperature
Figure 4, Transfer Characteristics
I
D
, DRAIN CURRENT (A)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (V)
Figure 5, Gain vs Drain Current
Figure 6, Capacitance vs Drain-to-Source Voltage
Q
g
, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (V)
Figure 7, Gate Charge vs Gate-to-Source Voltage
Figure 8, Reverse Drain Current vs Source-to-Drain Voltage
0
5
10
15
20
25
30
0
5
10
15
20
25
30
-55
-25
0
25
50
75
100 125 150
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
0
100
200
300
400
500
600
0
50
100
150
200
250
300
0
0.3
0.6
0.9
1.2
1.5
160
140
120
100
80
60
40
20
0
3.0
2.5
2.0
1.5
1.0
0.5
0
80
70
60
50
40
30
20
10
0
16
14
12
10
8
6
4
2
0
70
60
50
40
30
20
10
0
160
140
120
100
80
60
40
20
0
20,000
10,000
1000
100
10
160
140
120
100
80
60
40
20
0
APT43F60B2_L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com