Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-6670 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BPC-6670
Description  15" Industrial Panel PC with one Expansion slot, 180W ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6670 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BPC-6670 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aluminum front panel design
15" TFT color panel display
Built-in OSD key, touch screen, HPCI-2SP B/P, 180W ATX P/S
Provides Intel
CoreTM 2 Duo Desktop/Pentium
4/Celeron
D
processor, Function keys (optional)
Onboard graphics, dual GB ethernet controller
Standard PCI expansion slot x 1
2.5" HDD space x 1, 3.5" HDD/FDD space x 1, slim CD-ROM
space x 1
4cm ball bearing cooling fan x 2
BPC-6670-W provides COM x 2, USB2.0 x 4
Features
BPC-6670-W
15" Panel PC w/TFT Panel, Touch Screen, HS-7005, HPCI-2SP
B/P, 180W ATX P/S
Accessory Options
Metal Stand, CPU, Memory Module, Function Keys, HDD, FDD,
CD-ROM
Ordering Guide
15" Panel PC
Industrial Panel PC
15" Industrial Panel PC with one Expansion slot,
180W ATX P/S
Dimensions
System
SBC Model
HS-7005
CPU
Intel
CoreTM 2 Duo Desktop/Pentium
4/Celeron
D processor in
the LGA775 package
BIOS
AMI BIOS with 8Mb Flash EEPROM
System Chipset
Intel
Q965/ICH8-DO
System Memory
2 x 240-pin DIMM sockets up to 4GB DDR2 SDRAM
Display Chipset
Intel
Q965
Ethernet Chipset
Dual Marvell 88E8053 10/100/1000 Mbps LAN
Drive Bay
1 x 2.5" HDD space
1 x 3.5" HDD/FDD space
1 x Slim CD-ROM space
Watchdog Timer
Reset: 1 sec.~255 min. and 1 sec. or 1 min./step
Expansion
1 x Standard PCI expansion slot
Backplane
HPCI-2SP backplane
Panel & Touch Screen
LCD Size
15"
Max Resolution
1024 X 768 pixels
Brightness (cd/m2)
350 nit (Typ.) @ 6.5mA
Contrast Ratio
400:1
LCD Color
262,144 colors
Pixel Pitch (mm)
0.297 x 0.297
OSD
Provides OSD function
Touch Screen
15" resistive
Function Keys
Provides Function Keys (optional)
Mechanical & Environmental
Thermal System
4cm ball bearing cooling fan x 2
Front Panel Color
Black
Dimensions (LxHxW)
43.0 x 32.1 x 9.32 cm
Operation Temperature
0~+45 degrees C
Storage Temperature
-20~+70 degrees C
EMC
FCC/CE
Front Panel Protection
IP65 compliance
Power Supply
180W ATX power supply
I/O Interface
External I/O
COM x 2, USB2.0 x 4, AD Board VGA
Rear I/O
Specifications
BPC-6670
R
R
R
R
R
R
R
R
43.0
38.58
2.21
2.21
9.32
9.32
0.5
0.5
40.8
Slim CD-ROM space
3.5" HDD/FDD space
Right Side
MainBoard Slot
PCI Expansion Slot
USB2.0
COM
ON/OFF
AD Board VGA
Power In
Left Side


Similar Part No. - BPC-6670

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6670 BOSER-BPC-6670 Datasheet
1Mb / 26P
BPC-6670 supports Pentium 4 CPU, OSD, Function Keys & one PCI Slot
BPC-6670 BOSER-BPC-6670_1 Datasheet
1Mb / 26P
BPC-6670 supports Pentium 4 CPU, OSD, Function Keys & one PCI Slot
More results

Similar Description - BPC-6670

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BBS-2520 BOSER-BBS-2520 Datasheet
131Kb / 2P
Compact PC with MainBoard, slim CD-ROM, 180W ATX P/S
BPC-6169 BOSER-BPC-6169 Datasheet
310Kb / 1P
15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
213Kb / 1P
19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690_1 Datasheet
1Mb / 24P
19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
BPC-9215-C BOSER-BPC-9215-C Datasheet
624Kb / 1P
15 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9215-F BOSER-BPC-9215-F Datasheet
240Kb / 1P
15 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9215-K BOSER-BPC-9215-K Datasheet
243Kb / 1P
15 Panel PC with Touch Screen, T56N, 1 COM, 8 USB, 180W ATX P/S
BPC-9215-Q BOSER-BPC-9215-Q Datasheet
248Kb / 1P
15 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9315-Q BOSER-BPC-9315-Q Datasheet
241Kb / 1P
15 High Brightness Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com