Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-6671 Datasheet(PDF) 6 Page - BOSER Technology Co., Ltd

Part # BPC-6671
Description  17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6671 Datasheet(HTML) 6 Page - BOSER Technology Co., Ltd

Back Button BPC-6671 Datasheet HTML 2Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 3Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 9Page - BOSER Technology Co., Ltd BPC-6671 Datasheet HTML 10Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Life Expectancy of Constituent Parts
This section describes the life expectancy of constituent parts (backlight,
power supply, internal cooling fan and touch screen) which make up to
BPC-6671.
TFT Display Backlight
Display brightness decreases over time with use. The expected operating
lifetime of the backlight time to reach 50% initial brightness) is 30,000 hours
(assuming continuous lit state at 25 degrees C). Actual lifetime before
replacement is about 30,000 hours, although this depends on operating
conditions.
Touch Screen
The operating lifetime of the touch screen is approximately 1 million
operations (as tested by mechanical manipulation under 100g of force at a
rate of two presses per second)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com