Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-6690 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # BPC-6690
Description  19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6690 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  BPC-6690 Datasheet HTML 1Page - BOSER Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Aluminum front panel design
19" TFT color panel display
Built-in OSD key, touch screen, M/B, Wireless LAN module,
180W ATX P/S
Provides Intel
CoreTM 2 Duo/Pentium
D/Pentium
4/
Celeron
D/Celeron
processor (optional)
Onboard graphics, ethernet, audio controller
2.5" HDD space x 1, 3.5" HDD space x 1, slim CD-ROM space
x 1
4cm ball bearing cooling fan x 2
BPC-6690 provides COM x 1, USB x 4, Parallel
Features
BPC-6690
19" Panel PC w/TFT Panel, Touch Screen, MainBoard,
2W Audio AMP, Wireless LAN Module, 180W ATX P/S
Accessory Options
Metal Stand, CPU, Memory Module, HDD, CD-ROM
Ordering Guide
19" Panel PC
Industrial Panel PC
19" High Speed Panel PC with MainBoard, Touch
Screen, 180W ATX P/S
Dimensions
System
SBC Model
ATX MainBoard
CPU
Intel
CoreTM 2 Duo /Pentium
D/Pentium
4/Celeron
D/Celeron
processor
BIOS
Award PnP Flash BIOS
System Memory
2 x 240-pin DIMM sockets up to 2GB DDR2 SDRAM
Display Chipset
by mainboard
Audio Chipset
8CH High Definition audio controller
Ethernet Chipset
10/100 Mbps LAN
Wireless LAN Module
Drive Bay
1 x 2.5" HDD space
1 x 3.5" HDD space
1 x Slim CD-ROM space
Panel & Touch Screen
LCD Size
19"
Max Resolution
1280 x 1024 pixels
Brightness (cd/m2)
300 (center, Typ) @ 7.5mA
Contrast Ratio
800:1
LCD Color
16.7M colors
Pixel Pitch (mm)
0.294 x 0.294
OSD
Provides OSD function
Touch Screen
19" resistive
Mechanical & Environmental
Thermal System
4cm ball bearing cooling fan x 2
Front Panel Color
Black
Dimensions (LxHxW)
49.0 x 38.0 x 8.52 cm
Operation Temperature
0~+45 degrees C
Storage Temperature
-20~+70 degrees C
EMC
FCC/CE
Front Panel Protection
IP65 compliance
Power Supply
180W ATX power supply
I/O Interface
External I/O
PS/2 KB, PS/2 MS, Parallel, COM x 1, VGA, LAN, USB x 4, MIC In,
Line In, Line Out
Rear I/O
Specifications
BPC-6690
43
49
46.5
3
1.25
6.2
2.8
R
R
R
R
R
R
R
R
R
R
Left Side
I/O Side
Slim CD-ROM space
OSD Keys
Wireless LAN
Audio
LAN
KB
MS
Parallel
ON/OFF
VGA
COM
Power In
USB


Similar Part No. - BPC-6690

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6690 BOSER-BPC-6690 Datasheet
1Mb / 24P
19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
653Kb / 1P
19 Panel PC with Touch Screen, Core 2 Duo, 2W Stereo Speaker
BPC-6690 BOSER-BPC-6690_1 Datasheet
1Mb / 24P
19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
BPC-6690 BOSER-BPC-6690_11 Datasheet
653Kb / 1P
19 Panel PC with Touch Screen, Core 2 Duo, 2W Stereo Speaker
More results

Similar Description - BPC-6690

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6169 BOSER-BPC-6169 Datasheet
310Kb / 1P
15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-6170 BOSER-BPC-6170 Datasheet
1Mb / 28P
15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690_1 Datasheet
1Mb / 24P
19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
BPC-9215-K BOSER-BPC-9215-K Datasheet
243Kb / 1P
15 Panel PC with Touch Screen, T56N, 1 COM, 8 USB, 180W ATX P/S
BPC-9219-C BOSER-BPC-9219-C Datasheet
605Kb / 1P
19 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9219-F BOSER-BPC-9219-F Datasheet
596Kb / 1P
19 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9219-O BOSER-BPC-9219-O Datasheet
587Kb / 1P
19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9219-Q BOSER-BPC-9219-Q Datasheet
588Kb / 1P
19 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9219-Z BOSER-BPC-9219-Z Datasheet
215Kb / 1P
19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com