Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1801000B Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # T1801000B
Description  Commercial Styles Semi-Precision Power Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

T1801000B Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  T1801000B Datasheet HTML 1Page - IRC - a TT electronics Company. T1801000B Datasheet HTML 2Page - IRC - a TT electronics Company. T1801000B Datasheet HTML 3Page - IRC - a TT electronics Company. T1801000B Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Styles
Semi-Precision
Power Wirewound Resistors
Temperature Range
Characteristic U = -55°C to +275°C
Characteristic V = -55°C to +350°C
Standard Temperature Coefficient
±20 ppm/°C 10
Ω up
±50 ppm/°C 1.0
Ω to 9.9Ω
±400 ppm/°C 0.50
Ω to 0.999Ω
±650 ppm/°C 0.1
Ω to 0.490Ω
Special Temperature Coefficient
Available from -30 ppm/°C to +6000 ppm/°C
Temperature range for special TC’s -50°C to +150°C
Insulation Resistance
1000 megohms minimum dry at 100 volts DC
Derating
Wattage rating based on operation at 25°C
Derate to zero at 275°C & 350°C for "U" and "V" style rating
Lead Material:
Tinned copperweld is standard.
Also available: Weldable Grade A nickel (bare)
Special Features:
- Radial lead available
- Resistance network packages designed to individual customer requirements
- Temperature coefficient matching and tracking to ±5 ppm
- High thermal conductivity core (Beryllium Oxide) available. See B Series.
- Ratio tolerance matched sets available
General Specifications
T Wirewound Series Issue December 2008 Sheet 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com