Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W209001GA Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # W209001GA
Description  Vitreous Enamelled Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

W209001GA Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  W209001GA Datasheet HTML 1Page - IRC - a TT electronics Company. W209001GA Datasheet HTML 2Page - IRC - a TT electronics Company. W209001GA Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IRC Wire and Film Technologies Division
General Note
A subsidiary of
TT electronics plc
W20 Series Issue November 2006
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of printing.
© IRC Wire and Film Technologies Division
Telephone: 828 264 8861 • Facsimile: 828 264 8866 • Website: www.irctt.com
• 736 Greenway Road Boone, North Carolina 28607-1860
Environmental Performance
Test
Maximum
Typical
Load at commercial rating: 1000 Hours at room temperature
∆R%
54
Dry heat: 1000 hours at 200°C
∆R%
2
1
Shelf life: 12 months at room temperature
∆R%
0.03
0.02
Short term overload
∆R%
1.0
0.2
Climatic
∆R%
0.5
0.2
Long term damp heat
∆R%
0.05
0.02
Temperature rapid change
∆R%
0.5
0.2
Resistance to solder heat
∆R%
0.25
0.03
Vibration and bump
∆R%
0.25
0.05
Noise (in a decade of frequency)
µV/V
zero
zero
Insulation resistance
Ω
>0.1G
Ω
>0.1G
Ω
Dielectric withstanding voltage
V
500 min.
500 min.
Operating temperature range
°C
-55 to +200
Construction
A high purity ceramic substrate is assembled with
interference-fit end caps, to which are welded the
termination wires. The resistive element is wound
on the substrate and welded to the caps, and the
vitreous enamel protective coating is then applied.
Terminations
Copper-clad steel wire, nickel-plated and
solder-coated.
Marking
The resistors are legend-marked with type
reference, resistance value and tolerance.
Solvent resistance
The body protection and marking are resistant to
all normal industrial cleaning solvents suitable for
printed circuits.
Dissipation (watts)
0
5
10
15
20
p
400
300
200
100
W21
W215
W22
W23
W24
Temperature Rise Curve
bn802 W20 Series Datasheet_2.ind2 2
bn802 W20 Series Datasheet_2.ind2 2
11/17/06 4:40:30 PM
11/17/06 4:40:30 PM



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com