Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS4530 Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # PS4530
Description  SMD Power Inductors Shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS4530 Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  PS4530 Datasheet HTML 1Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 2Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 3Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 4Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 5Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 6Page - PREMO CORPORATION S.L PS4530 Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PS1608
PS1608
PS1608
PS1608 & PS4530
PS4530
PS4530
PS4530
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
1
1. Configuration & Dimensions
Dimensions [mm]
Series
A
B(max.)
C
E(ref.)
F(ref.)
G(ref.)
H(ref.)
I(ref.)
J(ref.)
K(ref.)
PS1608
6.50±0.2
4.40
2.90±0.15
2.50
1.24
4.45
4.10
1.60
3.00
7.00
PS4530
6.50±0.2
4.40
3.05 max.
2.50
1.24
4.45
4.10
1.60
3.00
7.00
2. Schematic Diagram
3. Materials
a.- Core : Ferrite DR core
b.- Core : Ferrite RI core
c.- Wire : Enamelled copper wire (class F)
d.- Base : Ceramic
e.- Adhesive : Epoxy resin
f.- Terminal : Mo / Mn / Ni / Au
g.- Remark : Lead content 200ppm max. include ferrite


Similar Part No. - PS4530

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PS4530 PERICOM-PS4530 Datasheet
263Kb / 16P
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530CAP PERICOM-PS4530CAP Datasheet
263Kb / 16P
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530CWP PERICOM-PS4530CWP Datasheet
263Kb / 16P
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530EAP PERICOM-PS4530EAP Datasheet
263Kb / 16P
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
PS4530EWP PERICOM-PS4530EWP Datasheet
263Kb / 16P
Precision 8-Ch, 2-Ch, Latched Analog Multiplexers/Switches
More results

Similar Description - PS4530

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
Shielded SMD Power Inductors
SRR0905 BOURNS-SRR0905 Datasheet
351Kb / 2P
Shielded SMD Power Inductors
SRU1028 BOURNS-SRU1028 Datasheet
155Kb / 2P
Shielded SMD Power Inductors
logo
Superworld Electronics
STB1106 SUPERWORLD-STB1106 Datasheet
484Kb / 5P
SHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PSH3018 PREMO-PSH3018 Datasheet
356Kb / 11P
SMD Power Inductors Shielded
SHA PREMO-SHA Datasheet
167Kb / 9P
SMD Power Inductors Shielded
logo
Bourns Electronic Solut...
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com