Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS6028-331M Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PS6028-331M
Description  SMD Power Inductors Shielded
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PS6028-331M Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PS6028-331M Datasheet HTML 1Page - PREMO CORPORATION S.L PS6028-331M Datasheet HTML 2Page - PREMO CORPORATION S.L PS6028-331M Datasheet HTML 3Page - PREMO CORPORATION S.L PS6028-331M Datasheet HTML 4Page - PREMO CORPORATION S.L PS6028-331M Datasheet HTML 5Page - PREMO CORPORATION S.L PS6028-331M Datasheet HTML 6Page - PREMO CORPORATION S.L PS6028-331M Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PS6028 , PS7032 & PS7045
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PS7032 (3.3µH – 1000µH)
PS7032 – 221M
220.0±20%
47
1
0.796
7.5
1.300
0.30
0.32
PS7032 – 331M
330.0±20%
46
1
0.796
6.1
1.900
0.22
0.24
PS7032 – 471M
470.0±20%
34
1
0.796
5.1
2.400
0.20
0.20
PS7032 – 681M
680.0±20%
58
1
0.796
3.8
3.750
0.16
0.15
PS7032 – 102M
1000.0±20%
120
1
0.252
3.1
5.400
0.15
0.14
PS7045 (10µH – 1000µH)
Test Freq.
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
typ.
RDC
(
Ω)
max.
Irms
(A)
max.
Isat
(A)
typ.
PS7045 – 100M
10.0±20%
30
1
2.52
25
0.042
2.00
1.70
PS7045 – 150M
15.0±20%
31
1
2.52
24
0.062
1.60
1.35
PS7045 – 220M
22.0±20%
26
1
2.52
18
0.082
1.35
1.10
PS7045 – 330M
33.0±20%
25
1
2.52
12
0.115
1.15
0.90
PS7045 – 470M
47.0±20%
29
1
2.52
11
0.150
0.95
0.78
PS7045 – 680M
68.0±20%
22
1
2.52
10
0.210
0.77
0.60
PS7045 – 101M
100.0±20%
40
1
0.796
8
0.300
0.65
0.50
PS7045 – 151M
150.0±20%
51
1
0.796
7
0.480
0.53
0.41
PS7045 – 221M
220.0±20%
44
1
0.796
5
0.700
0.45
0.36
PS7045 – 331M
330.0±20%
65
1
0.796
4
0.730
0.40
0.25
PS7045 – 471M
470.0±20%
80
1
0.796
3
1.100
0.32
0.22
PS7045 – 681M
680.0±20%
65
1
0.796
3
1.600
0.27
0.20
PS7045 – 102M
1000.0±20%
90
1
0.252
3
2.400
0.25
0.15
[Indutance tested at 0.5V] [Irms base on temp. rise: 40ºC(PS6028), 30ºC(PS7032, PS7045)]
[Isat base on ∆L/L0A = 10%(PS7032, PS7045100M ~ 221M), 25%(PS6028, PS7045331M ~ 102M)]
6. Curve
Inductance VS. DC Current Curve
PS6028



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com