Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHB-560L Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # SHB-560L
Description  SMD Power Inductors Shielded
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SHB-560L Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  SHB-560L Datasheet HTML 1Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 2Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 3Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 4Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 5Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 6Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 7Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 8Page - PREMO CORPORATION S.L SHB-560L Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SHA , SHB , SHC & PS1260
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
40ºC max. (SHA,SHB,SHC)
a.- Temp. rise
40ºC typ. (PS1260)
b.- Rated current : Base on temp. rise & ∆L/L0A = 10% max.
c.- Storage temp. : -40ºC ~ +125ºC
-40ºC ~ +105ºC (SHA,SHB,SHC)
d.- Operating temp.
-40ºC ~ +125ºC (PS1260)
e.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
SHA (2.5µH – 820µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(KHz)
RDC
(mΩ)
max.
IDC
(A)
max.
SHA – 2R5M
2.50±20%
1
24.0
5.00
SHA – 5R0M
5.00±20%
1
35.0
4.00
SHA – 7R5M
7.50±20%
1
40.0
3.50
SHA – 100M
10.0±20%
1
54.0
3.00
SHA – 120M
12.0±20%
1
65.0
2.80
SHA – 150M
15.0±20%
1
70.0
2.70
SHA – 180M
18.0±20%
1
82.0
2.60
SHA – 220M
22.0±20%
1
95.0
2.40
SHA – 250M
25.0±20%
1
120.0
2.00
SHA – 330M
33.0±20%
1
145.0
1.80
SHA – 390M
39.0±20%
1
160.0
1.65
SHA – 500L
50.0±15%
1
200.0
1.50
SHA – 560L
56.0±15%
1
240.0
1.40
SHA – 680L
68.0±15%
1
280.0
1.30
SHA – 750L
75.0±15%
1
330.0
1.20
SHA – 101K
100.0±10%
1
400.0
1.00
SHA – 121K
120.0±10%
1
500.0
0.90
SHA – 151K
150.0±10%
1
580.0
0.80
SHA – 181K
180.0±10%
1
750.0
0.70
SHA – 221K
220.0±10%
1
840.0
0.65
SHA – 271K
270.0±10%
1
1000.0
0.60



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com