Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT574BCN Datasheet(PDF) 12 Page - Cadeka Microcircuits LLC.

Part # SPT574BCN
Description  FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT574BCN Datasheet(HTML) 12 Page - Cadeka Microcircuits LLC.

Back Button SPT574BCN Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 11Page - Cadeka Microcircuits LLC. SPT574BCN Datasheet HTML 12Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SPT574
PIN ASSIGNMENTS
PIN FUNCTIONS
NAME
FUNCTION
VDD
Logic Supply Voltage, Nominally +5 V
12/8
Data Mode Selection
CS
Chip Selection
Ao
Byte Address/Short Cycle
R/C
Read/Convert
CE
Chip Enable
VEE
Mode Control Voltage, Nominally +5 V
REF OUT
Reference Output, Nominally +2.5 V
AGND
Analog Ground
REF IN
Reference Input
N/C
Pin Not Connected to Device
BIP OFF
Bipolar Offset
10 V IN
10 Volt Analog Input
20 V IN
20 Volt Analog Input
DGND
Digital Ground
DB0 - DB11
Digital Data Output
DB11 - MSB
DB0 - LSB
STS
Status
STS
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DGND
15
21
23
24
26
28
16
17
18
19
20
22
25
27
1
2
4
3
5
6
7
8
9
10
11
12
13
14
VDD
Ao
CE
N/C
REF OUT
AGND
REF IN
VEE
BIP OFF
10 V IN
20 V IN
12/8
R/C
CS
28-LEAD DIP/SOIC
ORDERING INFORMATION
LINEARITY ERROR
PACKAGE
PART NUMBER
TEMPERATURE RANGE
MAX
TYPE
SPT574BCN
0 to +70
°C
±1/2 LSB
28L Plastic DIP
SPT574BCJ
0 to +70
°C
±1/2 LSB
28L Sidebrazed DIP
SPT574BCS
0 to +70
°C
±1/2 LSB
28L SOIC
SPT574CCN
0 to +70
°C
±1 LSB
28L Plastic DIP
SPT574CCJ
0 to +70
°C
±1 LSB
28L Sidebrazed DIP
SPT574CCS
0 to +70
°C
±1 LSB
28L SOIC
12
8/1/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com