Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT1175 Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT1175
Description  8-BIT, 20 MSPS CMOS A/D CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1175 Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

  SPT1175 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1175 Datasheet HTML 8Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SPT1175
VRT
20
25
AGND
N/C
22
21
AVDD
19
VRTS
11
D6
10
D5
9
D4
8
N/C
7
D3
6
D2
5
D1
AGND
22
23
VIN
OE
DGND
DØ (LSB)
D1
D2
D3
D4
D5
D6
D7 (MSB)
DVDD
CLK
DGND
VRB
VRBS
AGND
AGND
VIN
AVDD
VRT
VRTS
AVDD
AVDD
DVDD
PIN ASSIGNMENTS
DIP and
SOIC
PLCC
PIN FUNCTIONS
Name
Function
OE
Tri-State Output Enable
Tri-State When OE = DVDD,
Enable When
OE = DGND
DGND
Digital Ground
D0
Digital Output Data (LSB)
D1-6
Digital Output Data
D7
Digital Output Data (MSB)
DVDD
Digital Supply
CLK
CMOS Digital Clock Input
AVDD
Analog Supply
VRTS
Internal Self-Biased Reference Top
Shorted with VRT (pin 17). Generates 2.6 V.
VRT
Reference Resistor Top Side
VIN
Analog Input
AGND
Analog Ground
VRBS
Internal Self-Biased Reference Bottom
Shorted with VRB (pin 23). Generates 0.6 V.
VRB
Reference Resistor Bottom Side
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE TYPE
SPT1175ACN
0 to +70
°C
24L Plastic Dip
SPT1175ACP
0 to +70
°C
28L PLCC
SPT1175ACS
0 to +70
°C
24L SOIC
SPT1175ACU
+25
°C
Die*
*See the die specification for guaranteed electrical performance.
8
6/24/97



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com